전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA3101 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 SMA3101
상세설명  Wideband Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMA3101 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  SMA3101_12 Datasheet HTML 1Page - Sanyo Semicon Device SMA3101_12 Datasheet HTML 2Page - Sanyo Semicon Device SMA3101_12 Datasheet HTML 3Page - Sanyo Semicon Device SMA3101_12 Datasheet HTML 4Page - Sanyo Semicon Device SMA3101_12 Datasheet HTML 5Page - Sanyo Semicon Device SMA3101_12 Datasheet HTML 6Page - Sanyo Semicon Device SMA3101_12 Datasheet HTML 7Page - Sanyo Semicon Device SMA3101_12 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMA3101
No. A1431-5/8
S Parameter
S11
S22
50
25
10
--10
0
10
--25
--50
--100
--250
100
250
IT14494
IT14495
25
50
50
25
10
--10
0
10
--25
--50
--100
--250
100
250
25
50
3GHz
2GHz
1GHz
3GHz
2GHz
1GHz
250
100
100
250


유사한 부품 번호 - SMA3101_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SMA3101-TL-E ONSEMI-SMA3101-TL-E Datasheet
604Kb / 8P
   MMIC Amplifier
August, 2013
logo
Sanyo Semicon Device
SMA3101_0909 SANYO-SMA3101_0909 Datasheet
101Kb / 5P
   Wideband Amplifier
More results

유사한 설명 - SMA3101_12

제조업체부품명데이터시트상세설명
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
logo
Sanyo Semicon Device
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
   Wideband Amplifier
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109_15 Datasheet
960Kb / 8P
   Wideband Amplifier
logo
RFHIC
RFC1G22 RFHIC-RFC1G22_17 Datasheet
1Mb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-23LM MINI-ZX60-23LM Datasheet
311Kb / 3P
   Wideband Amplifier
logo
Sanyo Semicon Device
SMA3109 SANYO-SMA3109 Datasheet
114Kb / 5P
   Wideband Amplifier
logo
RFHIC
RFC1G22-24 RFHIC-RFC1G22-24 Datasheet
152Kb / 3P
   Wideband Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com