전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W91410 데이터시트(PDF) 2 Page - Winbond

부품명 W91410
상세설명  TONE/PULSE DIALER WITH SAVE FUNCTION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINBOND [Winbond]
홈페이지  http://www.winbond.com
Logo WINBOND - Winbond

W91410 데이터시트(HTML) 2 Page - Winbond

  W91410 Datasheet HTML 1Page - Winbond W91410 Datasheet HTML 2Page - Winbond W91410 Datasheet HTML 3Page - Winbond W91410 Datasheet HTML 4Page - Winbond W91410 Datasheet HTML 5Page - Winbond W91410 Datasheet HTML 6Page - Winbond W91410 Datasheet HTML 7Page - Winbond W91410 Datasheet HTML 8Page - Winbond W91410 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
W91410 SERIES
- 2 -
PIN CONFIGURATION
1
16
R3
C2
C3
C4
2
3
4
5
6
11
12
13
14
15
R1
R2
DTMF
DD
V
7
8
9
10
17
18
XT
C1
R4
VSS
XT
T/P MUTE
MODE
DP
B/M
HKS
PIN DESCRIPTION
SYMBOL
PIN
I/O
FUNCTION
Column-
Row Inputs
1
−4
&
15
−18
I
The keyboard input may be from either the standard 4
× 4 keyboard
or an inexpensive single contact (form A) keyboard. Electronic
input from a
µC can also be used. A valid key entry is defined as a
single row being connected to a single column.
XT, XT
7, 8
I, O
A built-in inverter provides oscillation with an inexpensive
3.579545 MHz crystal or ceramic resonator.
T/P MUTE
9
O
The T/P MUTE is a conventional CMOS N-channel open drain
output. The output transistor is switched on during pulse and tone
mode dialing sequence and flash break. Otherwise, it is switched
off.
MODE
13
I
Pulling mode pin to VSS places the dialer in tone mode. Pulling
mode pin to VDD places the dialer in pulse mode (10 ppS).
Leaving mode pin floating places the dialer in pulse mode (20 ppS).
HKS
10
I
Hook switch input.
HKS = 1: On-hook state. Chip in sleeping mode, no operation.
HKS = 0: Off-hook state. Chip enabled for normal operation.
The HKS pin is pulled to VDD by an internal resistor.


유사한 부품 번호 - W91410

제조업체부품명데이터시트상세설명
logo
Winbond
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91432 WINBOND-W91432 Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91432N WINBOND-W91432N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91433N WINBOND-W91433N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91434G WINBOND-W91434G Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
More results

유사한 설명 - W91410

제조업체부품명데이터시트상세설명
logo
Winbond
W91460N WINBOND-W91460N Datasheet
167Kb / 15P
   3-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91440N WINBOND-W91440N Datasheet
163Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
logo
STMicroelectronics
MK53732 STMICROELECTRONICS-MK53732 Datasheet
874Kb / 12P
   TONE PULSE DIALER WITH LAST NUMBER AND SAVE FUNCTION
logo
Winbond
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com