전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4535MC 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LA4535MC
상세설명  For 1.5V Headphone Stereo Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4535MC 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LA4535MC Datasheet HTML 1Page - Sanyo Semicon Device LA4535MC Datasheet HTML 2Page - Sanyo Semicon Device LA4535MC Datasheet HTML 3Page - Sanyo Semicon Device LA4535MC Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LA4535MC
No.A2032-3/4
Block Diagram
Test Circuit
V10
I10
V1
I1
A
6
1
2
2
2
2
3
4
SG
P/SW
P/SW
MT/SW
MT/SW
GND
POWER
OUT 2
OUT 1
IN 1
IN 2
PRE GND
LA4535MC
REF
1
1
1
3
4
5
7
8
1
2
3
DC
RIPPLE
4
9
10
VCC
ICC
VCC
Rg
RL
VR
RL
Rg
+
+
+
+
Sample Application Circuit
6
1
2
OFF
ON
SG
SG
P/SW
P/SW
MT/SW
MT/SW
GND
POWER
OUT 2
OUT 1
IN 1
IN 2
PRE GND
LA4535MC
REF
3
4
5
7
8
ON
OFF
9
10
VCC
VR
VR
VCC
RL
RL
+
+
+
+
+
1
2


유사한 부품 번호 - LA4535MC

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LA4535MC ONSEMI-LA4535MC Datasheet
154Kb / 7P
   Power Amplifier
May, 2013
More results

유사한 설명 - LA4535MC

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
   1.5V STEREO HEADPHONE AMPLIFIER
TA8157AF TOSHIBA-TA8157AF Datasheet
484Kb / 14P
   STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
TA8106F TOSHIBA-TA8106F Datasheet
420Kb / 8P
   STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4589W SANYO-LA4589W Datasheet
261Kb / 12P
   1.5V Stereo Headphone Preamplifier and Power Amplifier
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
   1.5V Stereo Headphone Preamplifier and Power Amplifier?
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
   Power Amp For 1.5V Headphone Stereo
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
   Power Amplifier for 1.5V Headphone Stereos
May, 2013
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com