전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72720YV 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LC72720YV
상세설명  Single-Chip RDS Signal-Processing System IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72720YV 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LC72720YV Datasheet HTML 2Page - Sanyo Semicon Device LC72720YV Datasheet HTML 3Page - Sanyo Semicon Device LC72720YV Datasheet HTML 4Page - Sanyo Semicon Device LC72720YV Datasheet HTML 5Page - Sanyo Semicon Device LC72720YV Datasheet HTML 6Page - Sanyo Semicon Device LC72720YV Datasheet HTML 7Page - Sanyo Semicon Device LC72720YV Datasheet HTML 8Page - Sanyo Semicon Device LC72720YV Datasheet HTML 9Page - Sanyo Semicon Device LC72720YV Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LC72720YV
No. 6488-6/18
Pin Functions
Pin No.
Pin name
Function
I/O
Pin circuit
1
VREF
Reference voltage output (Vdda/2)
Output
2
MPXIN
Baseband (multiplexed) signal input
Input
6
FLOUT
Subcarrier output (filter output)
Output
7
CIN
Subcarrier input (comparator input)
Input
3
Vdda
Analog system power supply (+3.3V)

5
Vssa
Analog system ground
15
XOUT
Crystal oscillator output (4.332/8.664MHz)
Output
16
XIN
Crystal oscillator input (external reference signal input)
Input
9
T1
Test input (This pin must always be connected to ground.)
10
T2
Test input (standby control)
0:Normal operation, 1:Standby state
(crystal oscillator stopped)
11
T3(RDCL)
Test I/O (RDS clock output)
I/O
*
13
T4(RDDA)
Test I/O (RDS data output)
14
T5(RSFT)
Test I/O (soft-decision control data output)
20
T6
(ERROR/57K/BE1)
Test I/O (error status, regenerated carrier, error block count)
21
T7
(CORREC/ARI-ID/BE0)
Test I/O
(error correction status, SK detection, error block count)
22
SYNC
Block synchronization detection output
24
RDS-ID
RDS detection output
Output
25
DO
Data output
26
CL
Clock input
Data input
Chip enable
Input
28
DI
29
CE
30
SYR
Synchronization and RAM address reset (active high)
17
Vddd
Digital system power supply (+3.3V)

18
Vssd
Digital system ground
Note : * Normally function as an output pin. Used as an I/O pin in test mode, which is not available to user
applications. Pin 4, 8, 12, 19, 23, 27 are NC (NO CONNECT) Pins.
Serial data interface (CCB)
Vdda
Vdda
Vdda
Vddd
VREF
Vssa
Vssa
Vssd
Vssa
XOUT
XIN
Vssd
Vssd
S
Vssd
S
Vssd


유사한 부품 번호 - LC72720YV

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
More results

유사한 설명 - LC72720YV

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com