전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC786960E 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC786960E
상세설명  Compact Disc Player IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC786960E 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC786960E Datasheet HTML 1Page - Sanyo Semicon Device LC786960E Datasheet HTML 2Page - Sanyo Semicon Device LC786960E Datasheet HTML 3Page - Sanyo Semicon Device LC786960E Datasheet HTML 4Page - Sanyo Semicon Device LC786960E Datasheet HTML 5Page - Sanyo Semicon Device LC786960E Datasheet HTML 6Page - Sanyo Semicon Device LC786960E Datasheet HTML 7Page - Sanyo Semicon Device LC786960E Datasheet HTML 8Page - Sanyo Semicon Device LC786960E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LC786960E
No.A2080-4/24
Specifications
Absolute Maximum Ratings
at Ta = 25
C, DVSS = AVSS = LRVSS = XVSS1 = XVSS2 = VVSS1 = VVSS2 = 0V
Parameter
Symbol
Pin names
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
DVDD, AVDD, LRVDD, XVDD1,
XVDD2, UVDD, VVDD1, VVDD2,
VVDD3
-0.3 to +3.95
V
Input voltage 1
VIN1
Input pins other than VIN2
-0.3 to DVDD+0.3
V
Input voltage 2
VIN2
RESB, SIFCK, SIFDI, SIFDO,
SIFCE, BUSYB, GP03, GP04,
GP05, GP06, GP07, GP10,
GP11, GP12, JTRSTB, JTCK,
JTDI, JTMS
-0.3 to +5.6
V
Output voltage
VOUT
-0.3 to DVDD+0.3
V
Allowable power dissipation
Pd max
Ta
 85C
Mounted reference PCB (*)
519
mW
Operating temperature
Topr
-40 to +85
C
Storage temperature
Tstg
-40 to +125
C
(*)Reference PCB: 114.3mm×76.1mm×1.6mm, glass epoxy resin
Allowable Operating Ranges
at Ta = -40 to +85
C,
DVSS = AVSS = LRVSS = XVSS1 = XVSS2 = VVSS1 = VVSS2 = 0V
Parameter
Symbol
Pin names
Conditions
min
typ
max
Unit
Supply voltage
VDD1
DVDD, AVDD, LRVDD, XVDD1,
XVDD2, UVDD, VVDD1, VVDD2,
VVDD3
3.00
3.60
V
High-level input voltage
VIH(1)
RESB, SIFCK, SIFDI,
SIFDO, SIFCE, BUSYB,
GP03, GP04, GP05, GP06,
GP07, GP10, GP11, GP12,
JTMS, JTRSTB, JTCK, JTDI
Schmitt
2.00
5.50
V
VIH(2)
GP13, GP30, GP31, GP32,
GP33, GP34, GP35, GP36,
GP37, GP43, GP44, GP45,
GP50, GP51, GP52, GP53
Schmitt
2.00
VDD1V
Low-level input voltage
VIL(1)
RESB, SIFCK, SIFDI,
SIFDO, SIFCE, BUSYB,
GP03, GP04, GP05, GP06,
GP07, GP10, GP11, GP12,
JTMS, JTRSTB, JTCK, JTDI
Schmitt
0
0.80
V
VIL(2)
GP13, GP30, GP31, GP32,
GP33, GP34, GP35, GP36,
GP37, GP43, GP44, GP45,
GP50, GP51, GP52, GP53,
MODE0, MODE1, MODE2
Schmitt
0
0.80
V
Crystal oscillator frequency
FX1
XIN
Oscillator circuit
12.0
MHz
XOUT
FX2
X16IN
Oscillator circuit
16.9344
MHz
X16OUT


유사한 부품 번호 - LC786960E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC786960E-H ONSEMI-LC786960E-H Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
More results

유사한 설명 - LC786960E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com