전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD10242 데이터시트(PDF) 12 Page - Analog Devices

부품명 AD10242
상세설명  Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD10242 데이터시트(HTML) 12 Page - Analog Devices

Back Button AD10242 Datasheet HTML 8Page - Analog Devices AD10242 Datasheet HTML 9Page - Analog Devices AD10242 Datasheet HTML 10Page - Analog Devices AD10242 Datasheet HTML 11Page - Analog Devices AD10242 Datasheet HTML 12Page - Analog Devices AD10242 Datasheet HTML 13Page - Analog Devices AD10242 Datasheet HTML 14Page - Analog Devices AD10242 Datasheet HTML 15Page - Analog Devices AD10242 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD10242
–12–
REV. A
USING THE FLEXIBLE INPUT
The AD10242 has been designed with the user’s ease of opera-
tion in mind. Multiple input configurations have been included
on board to allow the user to have a choice of input signal levels
and input impedance. While the standard inputs are
±0.5 V,
±1.0 V, and ±2.0 V, the user can select the input impedance of
the AD10242 on any input by using the other inputs as alternate
locations for GND or an external resistor. The following
chart summarizes the impedance options available at each
input location:
AIN1 = 100
Ω when A
IN2 and AIN3 Are Open.
AIN1 = 75 Ω when AIN3 Is Shorted to GND.
AIN1 = 50
Ω when A
IN2 Is Shorted to GND.
AIN2 = 200
Ω when A
IN3 Is Open.
AIN2 = 100 Ω when AIN3 Is Shorted to GND.
AIN2 = 75
Ω when A
IN2 to AIN3 Has an External Resistor of
AIN2 = 300
Ω, with A
IN 3 Shorted to GND.
AIN2 = 50 Ω when AIN2 to AIN3 Has an External Resistor of
AIN2 = 100
Ω, with A
IN3 Shorted to GND.
AIN3 = 400
Ω.
AIN3 = 100 Ω when AIN3 Has an External Resistor of 133 Ω to GND.
AIN3 = 75
Ω when A
IN3 Has an External Resistor of 92
Ω to GND.
AIN3 = 50
Ω when A
IN3 Has an External Resistor of 57
Ω to GND.
While the Analog inputs of the AD10242 are designed for dc
coupled bipolar inputs, the AD10242 has the ability to use uni-
polar inputs in a user selectable mode through the addition of a
external resistor. This allows for 1 V, 2 V, and 4 V full-scale
unipolar signals to be applied to the various inputs (AIN1, AIN2,
and AIN3 respectively). Placing a 2.43 k
Ω resistor (typical, off-
set calibration required) between UPOS and UCOM shifts the
reference voltage setpoint to allow a unipolar positive voltage
to be applied at the inputs of the device. To calibrate offset a
midscale dc voltage should be applied to the converter while
adjusting the unipolar resistor for a midscale output transition.
AIN2
UPOS
AD10242
2.43k
UCOM
AIN3
AIN1
Figure 27. Unipolar Positive
To operate with –1 V, –2 V, or –4 V full-scale unipolar signals
place a 2.67 k
Ω resistor (typical, offset calibration required)
between UNEG and UCOM. This again shifts the reference
voltage setpoint to allow a unipolar negative voltage to be
applied at the inputs of the device. To calibrate offset a mid-
scale dc voltage should be applied to the converter while adjust-
ing the unipolar resistor for a midscale output transition.
AIN2
UNEG
AD10242
2.67k
UCOM
AIN3
AIN1
Figure 28. Unipolar Negative
GROUNDING AND DECOUPLING
Analog and Digital Grounding
Proper grounding is essential in any high speed, high resolution
system. Multilayer printed circuit boards (PCBs) are recom-
mended to provide optimal grounding and power schemes. The
use of ground and power planes offers distinct advantages:
1. The minimization of the loop area encompassed by a signal
and its return path.
2. The minimization of the impedance associated with ground
and power paths.
3. The inherent distributed capacitor formed by the power
plane, PCB insulation, and ground plane.
These characteristics result in both a reduction of electro-
magnetic interference (EMI) and an overall improvement in
performance.
It is important to design a layout that prevents noise from cou-
pling to the input signal. Digital signals should not be run in
parallel with input signal traces and should be routed away from
the input circuitry. The AD10242 does not distinguish between
analog and digital ground pins as the AD10242 should always
be treated like an analog component. All ground pins should be
connected together directly under the AD10242. The PCB
should have a ground plane covering all unused portions of the
component side of the board to provide a low impedance path
and manage the power and ground currents. The ground plane
should be removed from the area near the input pins to reduce
stray capacitance.
LAYOUT INFORMATION
The schematic of the evaluation board (Figure 29) represents a
typical implementation of the AD10242. The pinout of the
AD10242 is very straightforward and facilitates ease of use
and the implementation of high frequency/high resolution
design practices. It is recommended that high quality ceramic
chip capacitors be used to decouple each supply pin to
ground directly at the device. All capacitors except the one
placed on
ENCODE can be standard high quality ceramic chip
capacitors. The capacitor used on
ENCODE pin must be a low
inductance chip capacitor as referenced previously in the data
sheet.


유사한 부품 번호 - AD10242

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
448Kb / 16P
   MCM A/D Converter
logo
MicroPower Direct, LLC
AD102424F MPD-AD102424F Datasheet
292Kb / 2P
   AD1024F Series
logo
Analog Devices
AD10242BZ AD-AD10242BZ Datasheet
448Kb / 16P
   MCM A/D Converter
AD10242TZ AD-AD10242TZ Datasheet
448Kb / 16P
   MCM A/D Converter
AD10242TZ/883B AD-AD10242TZ/883B Datasheet
448Kb / 16P
   MCM A/D Converter
More results

유사한 설명 - AD10242

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242_15 Datasheet
319Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter
REV. C
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com