전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD13280 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD13280
상세설명  Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD13280 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD13280 Datasheet HTML 7Page - Analog Devices AD13280 Datasheet HTML 8Page - Analog Devices AD13280 Datasheet HTML 9Page - Analog Devices AD13280 Datasheet HTML 10Page - Analog Devices AD13280 Datasheet HTML 11Page - Analog Devices AD13280 Datasheet HTML 12Page - Analog Devices AD13280 Datasheet HTML 13Page - Analog Devices AD13280 Datasheet HTML 14Page - Analog Devices AD13280 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD13280
–11–
Power Supplies
Care should be taken when selecting a power source. Linear sup-
plies are strongly recommended. Switching supplies tend to have
radiated components that may be “received” by the AD13280.
Each of the power supply pins should be decoupled as closely as
possible to the package, using 0.1
µF chip capacitors.
The AD13280 has separate digital and analog power supply
pins. The analog supplies are denoted AVCC and the digital
supply pins are denoted DVCC. AVCC and DVCC should be
separate power supplies because the fast digital output swings
can couple switching current back into the analog supplies.
Note that AVCC must be held within 5% of 5 V. The AD13280
is specified for DVCC = 3.3 V as this is a common supply for
digital ASICs.
Output Loading
Care must be taken when designing the data receivers for the
AD13280. The digital outputs drive an internal series resistor
(e.g., 100
Ω) followed by a gate like 75LCX574. To minimize
capacitive loading, there should be only one gate on each output
pin. An example of this is shown in the evaluation board sche-
matic shown in Figure 9. The digital outputs of the AD13280
have a constant output slew rate of 1 V/ns. A typical CMOS
gate combined with a PCB trace will have a load of approxi-
mately 10 pF. Therefore, as each bit switches, 10 mA (10 pF
×
1 V
÷ 1 ns) of dynamic current per bit will flow in or out of the
device. A full-scale transition can cause up to 120 mA (12 bits
×
10 mA/bit) of transient current through the output stages.
These switching currents are confined between ground and the
DVCC pin. Standard TTL gates should be avoided since they
can appreciably add to the dynamic switching currents of the
AD13280. It should also be noted that extra capacitive loading
will increase output timing and invalidate timing specifications.
Digital output timing is guaranteed with 10 pF loads.
LAYOUT INFORMATION
The schematic of the evaluation board (Figure 10) represents a
typical implementation of the AD13280. The pinout of the
AD13280 is very straightforward and facilitates ease of use and
the implementation of high-frequency/high-resolution design
practices. It is recommended that high-quality ceramic chip
capacitors be used to decouple each supply pin to ground directly
at the device. All capacitors can be standard high-quality ceramic
chip capacitors.
Care should be taken when placing the digital output runs.
Because the digital outputs have such a high slew rate, the
capacitive loading on the digital outputs should be minimized.
Circuit traces for the digital outputs should be kept short and
connect directly to the receiving gate. Internal circuitry buffers
the outputs of the ADC through a resistor network to eliminate
the need to externally isolate the device from the receiving gate.
EVALUATION BOARD
The AD13280 evaluation board (Figure 9) is designed to
provide optimal performance for evaluation of the AD13280
analog-to-digital converter. The board encompasses everything
needed to ensure the highest level of performance for evaluating
the AD13280. The board requires an analog input signal, encode
clock, and power supply inputs. The clock is buffered on-board
to provide clocks for the latches. The digital outputs and out
clocks are available at the standard 40-pin connectors J1 and J2.
Power to the analog supply pins is connected via banana jacks.
The analog supply powers the associated components and the
analog section of the AD13280. The digital outputs of the
AD13280 are powered via banana jacks with 3.3 V. Contact the
factory if additional layout or applications assistance is required.
Figure 9. Evaluation Board Mechanical Layout


유사한 부품 번호 - AD13280

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD13280/PCB AD-AD13280/PCB Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280AF AD-AD13280AF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280AZ AD-AD13280AZ Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results

유사한 설명 - AD13280

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
logo
Texas Instruments
ADC12DC080 TI1-ADC12DC080_14 Datasheet
1Mb / 27P
[Old version datasheet]   Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com