전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK760-211-E 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 STK760-211-E
상세설명  Single-phase rectification Active Converter Hybrid IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK760-211-E 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button STK760-211-E Datasheet HTML 2Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 3Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 4Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 5Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 6Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 7Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 8Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 9Page - Sanyo Semicon Device STK760-211-E Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STK760-211-E
No.A1788-6/10
Test Circuit -1
(1) ICES, IR
IGBT
FRD1
A
15
18
B
12
15
〈Fig.1〉
(2) VCE(sat) (Test by Pulse)
〈Fig.2〉
(3) VF1, VF2 (Test by Pulse)
FRD1
FRD2
A
15
12
B
18
15
〈Fig.3〉
A
VCE, VR
A
3
B
12
V
VT
VCC=15V
VCE(sat)
VONF
VOVP
VFB
E
IC
0V
4.8V
2.0V
6.0V
VCE(sat) ON
OFF
100
μF
1
3
7
8
12
15
9
6
2
V
A
B
IF


유사한 부품 번호 - STK760-211-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK760-211C-E SANYO-STK760-211C-E Datasheet
103Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
More results

유사한 설명 - STK760-211-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK760-213A-E SANYO-STK760-213A-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-213AC-E SANYO-STK760-213AC-E Datasheet
108Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-216-E ONSEMI-STK760-216-E Datasheet
116Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK760-211C-E SANYO-STK760-211C-E Datasheet
103Kb / 10P
   Single-phase rectification Active Converter Hybrid IC
STK760-213-E SANYO-STK760-213-E Datasheet
113Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
STK760-216-E SANYO-STK760-216-E Datasheet
119Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
logo
ON Semiconductor
STK760-213A-E ONSEMI-STK760-213A-E Datasheet
105Kb / 11P
   Single-phase rectification Active Converter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK760-221A-E SANYO-STK760-221A-E Datasheet
163Kb / 9P
   Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
logo
Linear Technology
LT3752 LINER-LT3752 Datasheet
538Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
LT3753 LINER-LT3753 Datasheet
618Kb / 10P
   Active Clamp Forward Converter with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com