전자부품 데이터시트 검색엔진 |
|
AD1859 데이터시트(PDF) 9 Page - Analog Devices |
|
AD1859 데이터시트(HTML) 9 Page - Analog Devices |
9 / 16 page AD1859 REV. A –9– Figure 3 shows the I 2S-justified mode. LRCLK is LO for the left channel, and HI for the right channel. Data is valid on the rising edge of BCLK. The MSB is left-justified to an LRCLK transition but with a single BCLK period delay. The I 2S-justified mode can be used in either the 16-bit or the 18-bit input mode. Figure 4 shows the left-justified mode. LRCLK is HI for the left channel, and LO for the right channel. Data is valid on the rising edge of BCLK. The MSB is left-justified to an LRCLK transition, with no MSB delay. The left-justified mode can be used in either the 16-bit or the 18-bit input mode. Figure 5 shows the left-justified DSP serial port style mode. LRCLK must pulse HI for at least one bit clock period before the MSB of the left channel is valid, and LRCLK must pulse HI again for at least one bit clock period before the MSB of the right channel is valid. Data is valid on the falling edge of BCLK. The left-justified DSP serial port style mode can be used in either the 16-bit or the 18-bit input mode. Note that in this mode, it is the responsibility of the DSP to ensure that the left data is transmitted with the first LRCLK pulse, and that the right data is transmitted with the second LRCLK pulse, and that synchronism is maintained from that point forward. Note that in 16-bit input mode, the AD1859 is capable of a 32 × F S BCLK frequency “packed mode” where the MSB is left- justified to an LRCLK transition, and the LSB is right-justified to an LRCLK transition. LRCLK is HI for the left channel, and LO for the right channel. Data is valid on the rising edge of BCLK. Packed mode can be used when the AD1859 is pro- grammed in either right-justified or left-justified mode. Packed mode is shown in Figure 6. Serial Control Port The AD1859 serial control port is SPI compatible. SPI (Serial Peripheral Interface) is a serial port protocol popularized by Motorola’s family of microcomputer and microcontroller products. The write-only serial control port gives the user ac- cess to channel specific mute and attenuation. The AD1859 serial control port consists of three signals, control clock CCLK (Pin 19), control data CDATA (Pin 20), and control latch CLATCH (Pin 21). The control data input (CDATA) must be valid on the control clock (CCLK) rising edge, and the control clock (CCLK) must only make a LO to HI transition when there is valid data. The control latch (CLATCH) must make a LO to HI transition after the LSB has been clocked into the AD1859, while the control clock (CCLK) is inactive. The tim- ing relation between these signals is shown in Figure 7. MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB-1 MSB-2 LSB LSB+2 LSB+1 LEFT CHANNEL RIGHT CHANNEL MSB MSB BCLK INPUT SDATA INPUT LRCLK INPUT Figure 3. I2S-Justified Mode MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB-1 MSB-2 LSB LSB+2 LSB+1 LEFT CHANNEL RIGHT CHANNEL MSB MSB-1 MSB BCLK INPUT SDATA INPUT LRCLK INPUT Figure 4. Left-Justified Mode BCLK INPUT SDATA INPUT MSB MSB-1 LSB+2 LSB+1 LSB MSB MSB-1 LSB LSB+2 LSB+1 LEFT CHANNEL RIGHT CHANNEL MSB MSB-1 LRCLK INPUT Figure 5. Left-Justified DSP Serial Port Style Mode BCLK INPUT SDATA INPUT MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB-1 MSB-2 LSB LSB+2 LSB+1 MSB MSB-1 LSB LEFT CHANNEL RIGHT CHANNEL MSB LRCLK INPUT Figure 6. 32 × F S Packed Mode |
유사한 부품 번호 - AD1859 |
|
유사한 설명 - AD1859 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |