전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1776M 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LA1776M
상세설명  Single-Chip Tuner IC for Car Radios
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1776M 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LA1776M Datasheet HTML 7Page - Sanyo Semicon Device LA1776M Datasheet HTML 8Page - Sanyo Semicon Device LA1776M Datasheet HTML 9Page - Sanyo Semicon Device LA1776M Datasheet HTML 10Page - Sanyo Semicon Device LA1776M Datasheet HTML 11Page - Sanyo Semicon Device LA1776M Datasheet HTML 12Page - Sanyo Semicon Device LA1776M Datasheet HTML 13Page - Sanyo Semicon Device LA1776M Datasheet HTML 14Page - Sanyo Semicon Device LA1776M Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Pin No.
Pin
Description
Equivalent circuit
No.8085-11/41
LA1776M
Continued on next page.
Continued from preceding page.
15
3.3 k
3.3 k
VCC
0.015
µF
0.015
µ F
16
15
16
MPX output (left)
MPX output (right)
AM output
FM multiplex output
For deemphasis, use the following capacitors:
50 µS: 0.015 µF
75 µS: 0.022 µF
17
18
VCC
50 k
10 k
0.01
µF
50 k
6.7 k
17
Pilot canceller signal
input
Adjustment is required since the pilot signal level
varies with the sample-to-sample variations in the IF
output level and other parameters.
17
18
VCC
0.01
µF
330
300
50 k
18
Pilot canceller signal
output
Pin 18 is the output pin for the pilot canceller signal.


유사한 부품 번호 - LA1776M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
More results

유사한 설명 - LA1776M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
   SINGLE-CHIP TUNER IC FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M_09 Datasheet
600Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com