전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1824 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 LA1824
상세설명  Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1824 데이터시트(HTML) 7 Page - Sanyo Semicon Device

Back Button LA1824_09 Datasheet HTML 2Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 3Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 4Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 5Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 6Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 7Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 8Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 9Page - Sanyo Semicon Device LA1824_09 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LA1824
No.6855-7/10
Pin
Quiescent
number
Function
voltage (V)
Equivalent circuit
Remarks
AM
FM
Active-low
8
Tuning indicator
4.5
4.5
Open-collector output can directly
drive LED (IC max = 20 mA)
Active-low
Stereo
9
indicator and
4.5
4.5
Open-collector output can directly
AM IF output
drive LED (IC max = 20 mA)
AM-IF signal is output in
AM mode
10
FM-IF input
1.3
1.3
Rin = 330
11
AM-IF input
1.3
1.3
Rin = 2 k
AM-AGC
12
output and
0.7
0.2
Internal load resistance
FM signal
R = 16.6 k
meter output
Connect the FM detector coil
13
FM-DET
4.5
4.5
between this pin and pin 4
(VCC1)
ILA00387
ILA00388
8
ILA00314
10
2
Rin
ILA00315
11
2
Rin
ILA00317
ILA00316
12
R
9
13


유사한 부품 번호 - LA1824_09

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
More results

유사한 설명 - LA1824_09

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1828 SANYO-LA1828 Datasheet
153Kb / 13P
   Single-Chip Tuner IC for Portable Radio /Cassette Recorders with Manual Tuning
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Toshiba Semiconductor
TC9309F-106 TOSHIBA-TC9309F-106 Datasheet
164Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-119 TOSHIBA-TC9309AF-119 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-112 TOSHIBA-TC9309AF-112 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com