전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1824 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LA1824
상세설명  Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1824 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LA1824 Datasheet HTML 1Page - Sanyo Semicon Device LA1824 Datasheet HTML 2Page - Sanyo Semicon Device LA1824 Datasheet HTML 3Page - Sanyo Semicon Device LA1824 Datasheet HTML 4Page - Sanyo Semicon Device LA1824 Datasheet HTML 5Page - Sanyo Semicon Device LA1824 Datasheet HTML 6Page - Sanyo Semicon Device LA1824 Datasheet HTML 7Page - Sanyo Semicon Device LA1824 Datasheet HTML 8Page - Sanyo Semicon Device LA1824 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LA1824
No.6855-1/10
Overview
The LA1824 is a single-chip tuner IC that incorporates
FM/AM and MPX circuits.
The built-in MPX-VCO allows this IC to be adjustment free
and to require no external components.
Features
FM, AM and MPX integrated in a single-chip.
Adjustment free MPX-VCO
: No ceramic resonator used.
FM front-end : Local OSC voltage reduced.
FM stereo and FM/AM tuning indicator
output provided.
Package : DIP-24S.
Functions
FM
: RF amplifier, mixer, oscillator, IF amplifier,
detector, signal meter, tuning indicator.
AM
: RF amplifier, mixer, oscillator (with ALC),
IF amplifier, detector, AGC, tuning indicator.
MPX : PLL stereo decoder, stereo indicator, VCO on chip, forced monaural.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Indicator drive current
ILED
Pin 8, 9
20
mA
Allowable power dissipation
Pd max
Ta
≤ 70 °C
300
mW
Operation temperature
Topg
--20 to +70
°C
Ambient temperature
Tstg
--40 to +125
°C
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
4.5
V
Operation supply voltage range
VCC op
2.5 to 6.0
V
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN*6855
LA1824
Single Chip Tuner IC for Use
in Radio/Cassette Products with Manual Tuning
[LA1824]
11201 RM (IM)
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Monolithic Linear IC
Preliminary
Package Dimensions
unit : mm
3067A
0.48
21.0
(0.71)
1.78
1
12
24
13
0.95
0.9
SANYO : DIP-24S(300mil)


유사한 부품 번호 - LA1824

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
More results

유사한 설명 - LA1824

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1828 SANYO-LA1828 Datasheet
153Kb / 13P
   Single-Chip Tuner IC for Portable Radio /Cassette Recorders with Manual Tuning
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Toshiba Semiconductor
TC9309F-106 TOSHIBA-TC9309F-106 Datasheet
164Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-119 TOSHIBA-TC9309AF-119 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
TC9309AF-112 TOSHIBA-TC9309AF-112 Datasheet
163Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO CASSETTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com