전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA70100M 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LA70100M
상세설명  SECAM Chroma-Signal Processor IC for VCR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70100M 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LA70100M_07 Datasheet HTML 5Page - Sanyo Semicon Device LA70100M_07 Datasheet HTML 6Page - Sanyo Semicon Device LA70100M_07 Datasheet HTML 7Page - Sanyo Semicon Device LA70100M_07 Datasheet HTML 8Page - Sanyo Semicon Device LA70100M_07 Datasheet HTML 9Page - Sanyo Semicon Device LA70100M_07 Datasheet HTML 10Page - Sanyo Semicon Device LA70100M_07 Datasheet HTML 11Page - Sanyo Semicon Device LA70100M_07 Datasheet HTML 12Page - Sanyo Semicon Device LA70100M_07 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LA70100M
No.7204-9/16
(6) REC-BELL filter, PB-A-BELL filter
4.3MHz A-BELL FILTER CHARACTERISTICS
4.3MHz BELL FILTER CHARACTERISTICS
It is an internal filter of which center frequency is fitted to 4.286MHz by automatic adjusting circuit (described later) that
uses input frequency (fsc), thus prevents this filter from affected by external components.
(7) REC-A-BELL filter, PB-BELL filter
1.1MHz A-BELL CHARACTERISTICS
1.1MHz BELL CHARACTERISTICS
It is an internal filter of which center frequency is fitted to 1.0715MHz by automatic adjusting circuit (described later) that
uses input frequency (fsc), thus prevents this filter from affected by external components.
(8) BELL/A-BELL filter frequency automatic adjustment
CONTROL
LOGIC
PROGRAMABLE
COUNTER
DIVIDER
MODE CONTROL
4.286MHz
BELL/A-BELL
OSC
ENABLE
GATE
CLOCK for COUNT UP
CLOCK for COUNT DOWN
DIFFERENCE
D0
CONTROL
CLOCK for COUNT DOWN
CLOCK for COUNT UP
MODE CONTROL
Fig.8 (a)
VOLTAGE CONTROL
UP/DOWN COUNTER
UP/DOWN COUNTER
4.43MHz CLOCK
C.SYNC
V.SYNC
GATE
DIFFERENCE
DIVIDER
PROGRAMABLE
COUNTER
DIVIDER
DIVIDER
1.0715MHz
BELL/A-BELL
OSC
D1
D2
D3
D4
D5
CONTROL
VOLTAGE CONTROL
D0
D1
D2
D3
D4
D5


유사한 부품 번호 - LA70100M_07

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
More results

유사한 설명 - LA70100M_07

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M Datasheet
612Kb / 16P
   SECAM CHROMA- SIGNAL PROCESSOR IC FOR VCR
LA7358M SANYO-LA7358M Datasheet
433Kb / 17P
   Monolithic Linear IC For VCR SECAM Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M52026SP MITSUBISHI-M52026SP Datasheet
870Kb / 13P
   SECAM CHROMA SIGNAL PROCESSOR
M51404AFP MITSUBISHI-M51404AFP Datasheet
289Kb / 10P
   SECAM SYSTEM CHROMA SIGNAL PROCESSOR
logo
Rohm
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7337 SANYO-LA7337 Datasheet
123Kb / 7P
   SECAM-Format VCR Chroma Signal-Processing Circuit
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M52057FP MITSUBISHI-M52057FP Datasheet
617Kb / 10P
   VHS SYSTEM VCR CHROMA SIGNAL PROCESSOR???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com