전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA72715NV 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LA72715NV
상세설명  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72715NV 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LA72715NV_12 Datasheet HTML 1Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 2Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 3Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 4Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 5Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 6Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 7Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 8Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LA72715NV
No.A1770-3/13
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
-14.5
dBV
EXTERNAL input level
EXTIN1
f = 1kHz, (pin 12 & pin 13 input)
188.4
mVrms
8pin-CONTROL “H”
MUTEH
MUTE-ON
3.0
VCC
V
8pin-CONTROL “OPEN”
MUTEOP
MUTE-OFF
0.9
V
8pin-CONTROL “L”
MUTEL
MUTE-OFF & Detection AREA CONROL
0
0.2
V
[Condition of input signal at pin 5]
Deviation of SIF input MONO : (fm = 1kHz) 100%
→4.5MHz±25kHz Pre-Emphasis ON
[Output] L-ch : pin 18, R-ch : pin 17
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Current dissipation
ICC2
No signal, Inflow current at pin 19
20
28
36
mA
70
90
110
dB
μV
Input sensitivity level
VSIN
fc = 4.5MHz
3.16
31.62
316.2
mVrms
-6
-4.5
-3
dBV
MONO output level
VOMN2
fm
= 1kHz, 100% Mod, Pre-emphasis OFF
501
595
708
mVrms
MONO L/R level difference
ΔVOMN2
fm
= 1kHz, 100% Mod, Pre-emphasis OFF
-1
0
1
dB
MONO distortion
THDM2
fm
= 1kHz, 100% Mod, Pre-emphasis OFF
0.2
0.5
%
MONO frequency characteristics
FCM2
fm
= 10kHz/1kHz, 100% Mod, 15kHz LPF
Pre-emphasis OFF
-18
-13.5
dB
MONO S/N
SNM2
Non Mod, 15kHz LPF
55
60
dB
-6
-4.5
-3
dBV
STEREO output level
VOST2
fm
= 1kHz, 100% Mod, Cue (Stereo),
15kHz LPF
501
595
708
mVrms
STEREO distortion
THDS2
fm
= 1kHz, 100% Mod, Cue (Stereo),
15kHz LPF
0.5
1
%
STEREO S/N
SNS2
Sub Carrier (Non Mod), Cue (Stereo),
15kHz LPF
50
57
dB
-6
-4.5
-3
dBV
Main output level
VOMA2
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
501
595
708
mVrms
Main distortion
THDMA2
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
0.2
0.5
%
Main S/N
SNMA2
Sub Carrier (Non Mod), Cue (Bilingual), 15kHz LPF
55
60
dB
-6
-4.5
-3
dBV
SUB output level
VOSU2
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
501
595
708
mVrms
SUB distortion
THDSU2
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
0.7
1.5
%
SUB frequency characteristics
FCSU2
fm
= 10kHz/1kHz, 60% Mod, Cue (Bilingual),
15kHz LPF, Pre-emphasis OFF
-18
-14.5
dB
SUB Main S/N
SNSU2
Sub Carrier (Non Mod), Cue (Bilingual), 15kHz LPF
50
58
dB
STEREO separation L
→ R
SEPR2
fm
= 1kHz (L-only), 60% Mod, Cue (Stereo),
15kHz LPF
35
38
dB
STERO separation R
→ L
SEPL2
fm
= 1kHz (R-only), 60% Mod, Cue (Stereo),
15kHz LPF
35
38
dB
Stay behind carrier level (SUB)
CLSU2
Main
= 0%, Sub = 0% (Carrier)
Cue (Bilingual)
-50
-40
dBV
Stay behind carrier level (MAIN)
CLMA2
Main
= 0%, Sub = 0% (Carrier)
Cue (Bilingual)
-55
-45
dBV
Cross-talk MAIN
→ SUB
CTSUB2
Main : fm
= 1kHz, 100% modulation,
Cue (Bilingual), 1kHz BPF
55
62
dB
Cross-talk SUB
→ MAIN
CTMA2
Sub : fm
= 1kHz, 100% modulation,
Cue (Bilingual), 1kHz BPF
55
62
dB
MODE output MONO
MODMO2
Input
= Mono Signal
1.7
2
2.3
V
MODE output STEREO
MODST2
Input
= Stereo Signal
0
1
1.3
V
MODE output BILINGUAL
MODBI2
Input
= Bilingual Signal
2.7
3
3.3
V
Just Clock output High voltage
JCH2
f
= 400Hz (mono), 25%Mod
4
V
Continued on next page.


유사한 부품 번호 - LA72715NV_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LA72715NV-TLM-E ONSEMI-LA72715NV-TLM-E Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
More results

유사한 설명 - LA72715NV_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LA72715NV-TLM-E ONSEMI-LA72715NV-TLM-E Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
logo
Sanyo Semicon Device
LA72715V SANYO-LA72715V_12 Datasheet
163Kb / 12P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715NV SANYO-LA72715NV Datasheet
373Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715V SANYO-LA72715V Datasheet
201Kb / 12P
   Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
LA72700V SANYO-LA72700V Datasheet
522Kb / 16P
   US MTS (Multi Channel Television Sound) Decoder
LA72714VA SANYO-LA72714VA Datasheet
155Kb / 14P
   Monolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC
LA72710V SANYO-LA72710V Datasheet
285Kb / 10P
   Multi Channel Television Sound Decoder
logo
NEC
UPC1872CU NEC-UPC1872CU Datasheet
2Mb / 40P
   US MTS DECODER
UPC1876 NEC-UPC1876 Datasheet
309Kb / 40P
   US MTS DECODER
logo
Toshiba Semiconductor
TDA2791 TOSHIBA-TDA2791 Datasheet
379Kb / 11P
   Television sound combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com