전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC74736PT 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LC74736PT
상세설명  On-Screen Display Controller
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74736PT 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LC74736PT Datasheet HTML 1Page - Sanyo Semicon Device LC74736PT Datasheet HTML 2Page - Sanyo Semicon Device LC74736PT Datasheet HTML 3Page - Sanyo Semicon Device LC74736PT Datasheet HTML 4Page - Sanyo Semicon Device LC74736PT Datasheet HTML 5Page - Sanyo Semicon Device LC74736PT Datasheet HTML 6Page - Sanyo Semicon Device LC74736PT Datasheet HTML 7Page - Sanyo Semicon Device LC74736PT Datasheet HTML 8Page - Sanyo Semicon Device LC74736PT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
60607HKIM 20061221-S00013 No.A0569-1/106
LC74736PT
Overview
The LC74736PT is an on-screen display CMOS IC that displays characters and patterns on a TV screen under the control
of a microcontroller.
For QVGA display, the LC74736PT supports the use of both a 16
× 16 dot character font and a 16 × 16 dot graphic font
with 16 colors.
For WVGA display, the LC74736PT supports the use of both a 24
× 32 dot character font and a 24 × 32 dot graphic font
with 16 colors.
The LC74736PT can also implement extremely varied displays by the use of an external ROM.
The LC74736PT supports both QVGA (480
×234) and WVGA (800×480).
Features
(1) Screen structure
Main: 2 screens (1 screen for WVGA display)
30 characters
×15 lines (up to 450 characters) on a QVGA panel
33 characters
×15 lines (up to 495 characters) on a WVGA panel
(Up to 34 characters
×18 lines)
Wallpaper display screen:
QVGA mode: maximum
Permanent repetition of a 4
×4 (horizontal×vertical) character pattern
WVGA mode: maximum
Permanent repetition of a 2
×2 (horizontal×vertical) character pattern
Ordering number : ENA0569A
CMOS IC
On-Screen Display Controller
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


유사한 부품 번호 - LC74736PT

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
logo
ON Semiconductor
LC74736PT ONSEMI-LC74736PT Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
More results

유사한 설명 - LC74736PT

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com