전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1868R-J 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD1868R-J
상세설명  Single Supply Dual 18-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1868R-J 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD1868R-J Datasheet HTML 4Page - Analog Devices AD1868R-J Datasheet HTML 5Page - Analog Devices AD1868R-J Datasheet HTML 6Page - Analog Devices AD1868R-J Datasheet HTML 7Page - Analog Devices AD1868R-J Datasheet HTML 8Page - Analog Devices AD1868R-J Datasheet HTML 9Page - Analog Devices AD1868R-J Datasheet HTML 10Page - Analog Devices AD1868R-J Datasheet HTML 11Page - Analog Devices AD1868R-J Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD1868
REV. A
–10–
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
16-BIT
LATCH
16-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1851
IOUT
–VS
DGND
NC
CLK
LE
DATA
+VL
NC = NO CONNECT
+VS
TRIM
MSB
ADJ
IOUT
AGND
SJ
RF
VOUT
NC
AD1851 16-Bit PCM Audio DAC
107 dB SNR Minimum
16
× F
S Capability
±5 V Supply
REFERENCE
AD1864
–VS
AGND
RF
TRIM
MSB
IOUT
DGND
+VS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TRIM
SJ
VOUT
–VL
DL
LL
MSB
IOUT
AGND
RF
SJ
VOUT
+VL
DR
LR
CK
REFERENCE
18-BIT
LATCH
18-BIT
DAC
18-BIT
DAC
18-BIT
LATCH
+
+
AD1864 Dual 18-Bit Audio DAC
Complete, No External Components
High Performance
Low Crosstalk
24-Pin DIP
THD+N = 0.004% (typical)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18-BIT
LATCH
18-BIT
DAC
SERIAL
INPUT
REGISTER
CONTROL
LOGIC
AD1861
DGND
NC
CLK
LE
DATA
NC = NO CONNECT
TRIM
MSB
ADJ
AGND
SJ
–VS
+VL
+VS
IOUT
VOUT
RF
IOUT
NC
AD1861 18-Bit PCM Audio DAC
107 dB SNR Minimum
16
× F
S Capability
±5 V Supply
REFERENCE
AD1865
–VS
AGND
RF
TRIM
MSB
IOUT
DGND
+VS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TRIM
SJ
VOUT
NC
DL
LL
MSB
IOUT
AGND
RF
SJ
VOUT
+VL
DR
LR
CK
REFERENCE
18-BIT
LATCH
18-BIT
DAC
18-BIT
DAC
18-BIT
LATCH
+
+
NC = NO CONNECT
AD1865 Dual 18-Bit Audio DAC
107 dB SNR Minimum
16
× F
S Capability
THD+N = 0.004% (typical)
±5 V Supply


유사한 부품 번호 - AD1868R-J

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1868 AD-AD1868 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
More results

유사한 설명 - AD1868R-J

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1864 AD-AD1864 Datasheet
302Kb / 12P
   Complete Dual 18-Bit Audio DAC
REV. A
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1859 AD-AD1859 Datasheet
302Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com