전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF41020BCPZ-RL7 데이터시트(PDF) 5 Page - Analog Devices

부품명 ADF41020BCPZ-RL7
상세설명  The ADF41020 frequency synthesizer can be used to implement local oscillators as high as 18 GHz in the up conversion and down conversion sections of wireless receivers and transmitters.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF41020BCPZ-RL7 데이터시트(HTML) 5 Page - Analog Devices

  ADF41020BCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADF41020BCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADF41020BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADF41020BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF41020BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF41020BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF41020BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF41020BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF41020BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADF41020
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to GND
−0.3 V to +3.9 V
AVDD to DVDD
−0.3 V to +0.3 V
VP to GND
−0.3 V to +3.9 V
VP to AVDD
−0.3 V to +0.3 V
Digital I/O Voltage, REFIN to GND
−0.3 V to DVDD + 0.3 V
Analog I/O Voltage to GND
−0.3 V to VP + 0.3 V
REFIN, RFIN to GND
−0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
LFCSP θJA Thermal Impedance1
(Paddle Soldered)
62.82°C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Transistor Count
CMOS
6610
Bipolar
358
1 Two signal planes (that is, on the top and bottom surfaces of the board), two
buried planes, and four vias.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with an
ESD rating of <2 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
ESD CAUTION


유사한 부품 번호 - ADF41020BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF41020BCPZ-RL7 AD-ADF41020BCPZ-RL7 Datasheet
360Kb / 16P
   18 GHz Microwave PLL Synthesizer
More results

유사한 설명 - ADF41020BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
National Semiconductor ...
DS8911 NSC-DS8911 Datasheet
182Kb / 10P
   Sound Up-Conversion Frequency Synthesizer
logo
Shenzhen Huazhimei Semi...
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8024 HMSEMI-HM8024 Datasheet
570Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM9024 HMSEMI-HM9024 Datasheet
595Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient
HM8025 HMSEMI-HM8025 Datasheet
520Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
logo
Omron Electronics LLC
E32DC200F OMRON-E32DC200F Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com