전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GZF7V5C 데이터시트(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 GZF7V5C
상세설명  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

GZF7V5C 데이터시트(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  GZF7V5C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd GZF7V5C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd GZF7V5C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Silicon planar power zener diodes.
Low leakage current
Low profile surface mount package.
High temperature soldering:
260℃/10 sec.at terminals.
Case:JEDEC SOD-123FL,molded plastic
Terminals: Solderable per MIL-
STD-202,Method 208
Polarity: Color band denotes cathods end
Mounting position: any
Parameter
Power dissipation at T
A=25℃ (Note 1)
Forward voltage @IF=200mA
Maximum thermal resistance
junction to ambient
Junction temperature
Storage temperature range
1)Mounted on epoxy glass PCB with 3×3mm,Cu pads(≥40
µm thick)
Unit
Value
800
mW
Maximum Ratings and Thermal Characteristics
(TA=25℃ unless otherwise noted)
VF
Weight: 0.006 ounces, 0.02 grams
VZ : 3.6 -- 91 V
POWER DISSIPATION: 800 mW
SOD-123FL
RθJA
180
-55 to +150
TSTG
TJ
-55 to +150
Symbol
Ptot
1.2
V
K/W
Dimensions in millimeters
GZF3V6C-GZF91C
Zener Diodes
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


유사한 부품 번호 - GZF7V5C

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
GZF7V5C BILIN-GZF7V5C Datasheet
134Kb / 3P
   ZENER DIODES
logo
Vishay Siliconix
GZF7V5C VISHAY-GZF7V5C Datasheet
146Kb / 6P
   Zener Diodes
Rev. 1.7, 28-Jan-04
logo
Galaxy Semi-Conductor H...
GZF7V5C BILIN-GZF7V5C Datasheet
247Kb / 5P
   ZENER DIODES
More results

유사한 설명 - GZF7V5C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com