전자부품 데이터시트 검색엔진 |
|
ACE24C04DPUH 데이터시트(PDF) 8 Page - ACE Technology Co., LTD. |
|
ACE24C04DPUH 데이터시트(HTML) 8 Page - ACE Technology Co., LTD. |
8 / 15 page ACE24C04/08A Two-wire Serial EEPROM VER 1.5 8 Figure 6.Output Acknowledge Device Addressing The 4/8K EEPROM devices all require an 8-bit device address word following a start condition to enable the chip for a read or write operation (refer to Figure 7). The device address word consists of a mandatory one, zero sequence for the first four most significant bits as shown. This is common to all the EEPROM devices. The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a memory page address bit. The two device address bits must compare to their corresponding hard -wired input pins. The A0 pin is no connect. The 8K EEPROM only uses the A2 device address bit with the next 2 bits being for memory page addressing. The A2 must compare to its corresponding hard-wired input pin. The A1 and A0 pins are no connect. The module package device address word also consist of a mandatory one, zero sequence for the first four most significant bits. The next 3 bits are all zero. The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high and a write operation is initiated if this bit is low. Upon a compare of the device address, the EEPROM will output a zero. If a compare is not made, the chip will return to a standby state. Write Operations Byte Write A write operation requires an 8-bit data word address following the device address word and acknowledgment. Upon receipt of this address, the EEPROM will again respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a zero and the addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. At this time the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write is complete (refer to Figure 8). |
유사한 부품 번호 - ACE24C04DPUH |
|
유사한 설명 - ACE24C04DPUH |