전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE24C128FM+UH 데이터시트(PDF) 4 Page - ACE Technology Co., LTD.

부품명 ACE24C128FM+UH
상세설명  Two-wire Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C128FM+UH 데이터시트(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24C128FM+UH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C128FM+UH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C128FM+UH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C128FM+UH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C128FM+UH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C128FM+UH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C128FM+UH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C128FM+UH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C128FM+UH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ACE24C128/256
Two-wire Serial EEPROM
VER 1.5
4
Ordering information
ACE24C128/256 XX
+
X
H
Serial Clock (SCL):
The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock
data out of each device.
Serial Data (SDA):
The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be
wire-ORed with any number of other open-drain or open-collector devices.
Device/Page Addresses (A2, A1, A0):
The A2, A1 and A0 pins are device address inputs that are hardwired or left not connected for
hardware compatibility with other ACE24CXXX devices. When the pins are hardwired, as many as
eight 128K/256K devices may be addressed on a single bus system (device addressing is discussed in
detail under the Device Addressing section).If the pins are left floating, the A2, A1 and A0 pins w ill be
internally pulled down to GND if the capacitive coupling to the circuit board Vcc plane is < 3pF, if
coupling is > 3pF recommends connecting the address pins to GND.
Write Protect (WP):
The ACE24C128/256 has a Write Provides hardware data protection. The WP pin allows normal write
operations when connected to ground (GND). When the Write Protect pin is connected to Vcc. All write
operations to the memory are inhibited.
The ACE24C128 if the pin is left floating, the WP pin will be internally pulled is < 3pF , if coupling is
> 3pF, recommends connecting the pins to GND. Switching WP to Vcc prior to a write operation
creates a software write protected function.
Pb - free
U : Tube
T : Tape and Reel
DP : DIP-8
FM : SOP-8
TM : TSSOP-8
DM : TDFN-8
OM : MSOP-8
Halogen-free


유사한 부품 번호 - ACE24C128FM+UH

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE24C128FM+UH ACE-ACE24C128FM+UH Datasheet
283Kb / 16P
   Two-wire Serial EEPROM
VER 1.2
More results

유사한 설명 - ACE24C128FM+UH

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com