전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE24C512FM+TH 데이터시트(PDF) 8 Page - ACE Technology Co., LTD.

부품명 ACE24C512FM+TH
상세설명  Two-wire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C512FM+TH 데이터시트(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE24C512FM+TH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C512FM+TH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C512FM+TH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C512FM+TH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C512FM+TH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C512FM+TH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C512FM+TH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C512FM+TH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24C512FM+TH Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ACE24C512
Two-wire Serial EEPROM
VER 1.4
8
Figure 6.Output Acknowledge
Device Addressing
The 512K EEPROM device require an 8-bit device address word following a start condition to enable
the chip for a read or write operation (refer to Figure 7).
The device address word consists of a mandatory one, zero sequence for the first four most
significant bits as shown. This is common to all the EEPROM devices.
The 512K EEPROM use the three device address bits A2, A1, A0 to allow as many as eight devices on
the same bus. These bits must compare to their corresponding hard-wired input pins. The A2,A1 and A0
pins use an internal proprietary circuit that biases them to a logic low condition if the pins are allowed to
float.
The Module package device address word also consists of a mandatory one, zero sequence for the
first four most significant bits. The next 3 bits are all zero.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if
this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is not made, the
device will return to a standby state.
Noise protection:
Special internal circuitry place on the SDA and SCL pins prevent small noise spikes from activating the
device.
Date Security: The
ACE24C512 has a hardware data protect scheme that slows the user to write protect the entire
memory when the WP pin is at Vcc.
Write Operations
Byte Write:
A write operation requires two 8-bit data word address following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a zero and then
clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a
zero and the addressing device, such as a microcontroller, must terminate the write sequence with a
stop condition. At this time the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile
memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write
is complete (refer to Figure 8).


유사한 부품 번호 - ACE24C512FM+TH

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE24C512B ACE-ACE24C512B Datasheet
1Mb / 17P
   Two-wire Serial EEPROM
VER 1.4
ACE24C512C ACE-ACE24C512C Datasheet
1Mb / 18P
   Two-wire serial EEPROM
VER 1.1
More results

유사한 설명 - ACE24C512FM+TH

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com