전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE1085G15YM+H 데이터시트(PDF) 4 Page - ACE Technology Co., LTD.

부품명 ACE1085G15YM+H
상세설명  3A Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1085G15YM+H 데이터시트(HTML) 4 Page - ACE Technology Co., LTD.

  ACE1085G15YM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1085G15YM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1085G15YM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1085G15YM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1085G15YM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1085G15YM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1085G15YM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1085G15YM+H Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE1085G
3A Low Dropout Linear Regulator
VER 1.4
4
Thermal Resistance
Junction
–to-Ambient
(No heat sink ;No air
flow)
98
℃/W
Thermal Resistance
Junction-to-Case
Control Circuitry / Power Transistor
15
℃/W
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are
measured at a constant junction Temperature by low duty cycle pulse testing. Load regulation is measured at the output
lead =1/18” from the package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by
the difference in input and output and the output current. Guaranteed maximum power dissipation will not be available
over the full input/output range.
Functional Description
Introduction
The ACE1085G adjustable or fixed-mode Low Dropout (LDO) regulator is a 3 terminal device which can
easily be programmed by internal mask change to any voltage within the range of 1.25 to Vin-1.4V. The
ACE1085G only needs 1.4V differential between Vin and Vout to maintain output regulation, in addition,
the output voltage tolerances are also extremely tight and they include the transient response as port of the
specification. For example, Intel VRE specification calls for a total of ±100mV including initial tolerance,
load regulation and 0 to 3A load step. The ACE1085G is specifically designed to meet the fast current
transient needs as well as providing an accurate initial voltage, reducing the overall system cost with the
need for fewer output capacitors.
Load Regulation
Since the ACE1085G is only a 3 terminal device, it is not possible to provide true remote sensing of the
output voltage at the load. But it can supply good load regulation by internal feedback bypass the external
loss such as adjustable mode.
Stability
The ACE1085G requires the use of an output capacitor as part of the frequency compensation in order to
make the regulator stable .For most applications a minimum of 10uF aluminum electrolytic capacitor
insures both stability and good transient response.
Thermal Design
The ACE1085G incorporates an internal shutdown that protects the device when the junction
temperature exceeds the maximum allowable junction temperatures. Although this device can operate
with junction temperatures in the range of 150℃, it is recommended that the selected heat sink be chosen
such that during maximum continuous load operation the junction temperature is kept below the
temperature.
Layout Consideration
The output capacitors must be located as close to the Vout terminal of the device as possible .It is
recommended to use a section of a layer of the PC board as a plane to connect the Vout pin to the output
capacitors to prevent any high frequency oscillation that may result due to excessive trace inductance.


유사한 부품 번호 - ACE1085G15YM+H

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
ACE1085181WM++ ACE-ACE1085181WM+ Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
ACE1085182WM++ ACE-ACE1085182WM+ Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
ACE108518YM++ ACE-ACE108518YM+ Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
ACE108518ZM++ ACE-ACE108518ZM+ Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results

유사한 설명 - ACE1085G15YM+H

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com