전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE1117C12YM+H 데이터시트(PDF) 10 Page - ACE Technology Co., LTD.

부품명 ACE1117C12YM+H
상세설명  1A Bipolar Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117C12YM+H 데이터시트(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE1117C12YM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117C12YM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117C12YM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117C12YM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117C12YM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117C12YM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1117C12YM+H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE1117C12YM+H Datasheet HTML 10Page - ACE Technology Co., LTD. ACE1117C12YM+H Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ACE1117C
1A Bipolar Linear Regulator
VER 1.3
10
Packing Information
TO-252
Symbol
Min
Nom
Max
A1
0
-
0.10
A2
2.2
2.30
2.40
A3
1.02
1.067
1.12
b
0.75
-
0.84
b1
0.74
0.76
0.79
c
0.49
-
0.57
c1
0.48
0.508
0.52
D
6.50
6.60
6.70
D1
5.3REF
D2
4.70
-
-
E
9.90
10.10
10.30
E1
6.00
6.10
6.20
E2
5.3REF
e
2.286BSC
L
1.40
1.50
1.60
L2
0.90
-
1.25
L3
0.60
0.80
1.00
L4
1.60
1.70
1.80
Θ
0
-
8


유사한 부품 번호 - ACE1117C12YM+H

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE1117 ACE-ACE1117 Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111715XM+H ACE-ACE111715XM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE111715XM+H ACE-ACE111715XM+H Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111715YM+H ACE-ACE111715YM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
More results

유사한 설명 - ACE1117C12YM+H

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084_17 Datasheet
1Mb / 13P
   1A Bipolar Linear Regulator
VER 1.2
logo
Leshan Radio Company
LR1117D LRC-LR1117D Datasheet
838Kb / 9P
   1A Bipolar Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1117C BELLING-BL1117C Datasheet
362Kb / 9P
   1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117C LRC-LR1117C Datasheet
1,016Kb / 10P
   1A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
   BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com