전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM33256B 데이터시트(PDF) 10 Page - Cypress Semiconductor

부품명 FM33256B
상세설명  3V Integrated Processor Companion with F-RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM33256B 데이터시트(HTML) 10 Page - Cypress Semiconductor

Back Button FM33256B Datasheet HTML 6Page - Cypress Semiconductor FM33256B Datasheet HTML 7Page - Cypress Semiconductor FM33256B Datasheet HTML 8Page - Cypress Semiconductor FM33256B Datasheet HTML 9Page - Cypress Semiconductor FM33256B Datasheet HTML 10Page - Cypress Semiconductor FM33256B Datasheet HTML 11Page - Cypress Semiconductor FM33256B Datasheet HTML 12Page - Cypress Semiconductor FM33256B Datasheet HTML 13Page - Cypress Semiconductor FM33256B Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
FM33256B SPI Companion w/ FRAM
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
www.ramtron.com
Rev. 3.0
Aug. 2012
Page 10 of 28
Trickle Charger
To facilitate capacitor backup, the VBAK pin can
optionally provide a trickle charge current. When the
VBC bit (register 18h bit 3) is set to a ‘1’, the VBAK
pin will source approximately 80 µA until VBAK
reaches VDD. This charges the capacitor to VDD
without an external diode and resistor charger.
There is a Fast Charge mode which is enabled by the
FC bit (register 18h, bit 2). In this mode the trickle
charger current is set to approximately 1 mA,
allowing a large backup capacitor to charge more
quickly.
• In the case where no battery is used, the V
BAK
pin should be tied to VSS and VBC bit cleared.
Note: systems using lithium batteries should clear
the VBC bit to 0 to prevent battery charging. The
VBAK circuitry includes an internal 1 K
Ω series
resistor as a safety element. The trickle charger is UL
Recognized.
Calibration
When the CAL bit in register 00h is set to a ‘1’, the
clock enters calibration mode. The FM33256B
employs a digital method for calibrating the crystal
oscillator frequency. The digital calibration scheme
applies a digital correction to the RTC counters based
on the calibration settings, CALS and CAL.4-0. In
calibration mode (CAL=1), the ACS pin is driven
with a 512 Hz (nominal) square wave and the alarm
is temporarily unavailable. Any measured deviation
from 512 Hz translates into a timekeeping error. The
user
measures
the
frequency
and
writes
the
appropriate
correction
value
to
the
calibration
register. The correction codes are listed in the table
below. For convenience, the table also shows the
frequency error in ppm. Positive ppm errors require a
negative adjustment that removes pulses. Negative
ppm errors require a positive correction that adds
pulses. Positive ppm adjustments have the CALS
(sign) bit set to 1, where as negative ppm adjustments
have CALS = 0. After calibration, the clock will have
a maximum error of
± 2.17 ppm or ± 0.09 minutes
per month at the calibrated temperature.
The user will not be able to see the effect of the
calibration setting on the 512 Hz output.
The
addition or subtraction of digital pulses occurs after
the 512 Hz output.
The calibration setting is stored in F-RAM so it is not
lost should the backup source fail. It is accessed with
bits CAL.4-0 in register 01h. This value only can be
written when the CAL bit is set to a 1. To exit the
calibration mode, the user must clear the CAL bit to a
logic 0. When the CAL bit is 0, the ACS pin will
revert to the function according to Table 2.
Crystal Type
The crystal oscillator is designed to use a 12.5pF
crystal without the need for external components,
such as loading capacitors. The FM33256B device
has built-in loading capacitors that match the crystal.
If a 32.768kHz crystal is not used, an external
oscillator may be connected to the FM33256B. Refer
to Application Note AN407 for recommendations on
how to implement this.
Layout Recommendations
The X1 and X2 crystal pins employ very high
impedance circuits and the oscillator connected to
these pins can be upset by noise or extra loading. To
reduce RTC clock errors from signal switching noise,
a guard ring should be placed around these pads and
the guard ring grounded. High speed SPI traces
should be routed away from the X1/X2 pads. The X1
and X2 trace lengths should be less than 5 mm. The
use of a ground plane on the backside or inner board
layer is preferred. See layout example. Red is the top
layer, green is the bottom layer.


유사한 부품 번호 - FM33256B

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM33256B RAMTRON-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
FM33256B RAMTRON-FM33256B Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
logo
Cypress Semiconductor
FM33256B CYPRESS-FM33256B Datasheet
859Kb / 30P
   3V Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM33256B-G RAMTRON-FM33256B-G Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
FM33256B-GTR RAMTRON-FM33256B-GTR Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
More results

유사한 설명 - FM33256B

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM33256B RAMTRON-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Cypress Semiconductor
FM31L278 CYPRESS-FM31L278 Datasheet
859Kb / 30P
   3V Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L276 CYPRESS-FM31L276 Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
FM3164-GTR CYPRESS-FM3164-GTR Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com