전자부품 데이터시트 검색엔진 |
|
AM1DS-1212D-NZ 데이터시트(PDF) 2 Page - AIMTEC |
|
AM1DS-1212D-NZ 데이터시트(HTML) 2 Page - AIMTEC |
2 / 3 page Series AM1DS-NZ 1 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.B 2 of 3 North America only Models Dual output (continued) Model Input Voltage (V) Output Voltage (V) Output Current max (Ma) Isolation (VDC) Efficiency (%) AM1DS-1215DH30-NZ 10.8-13.2 ±15 ±34 3000 76 AM1DS-2405DH30-NZ 21.6-26.4 ±5 ±100 3000 70 AM1DS-2412DH30-NZ 21.6-26.4 ±12 ±42 3000 76 NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Input Specifications Parameters Nominal Typical Maximum Units Voltage range 3.3 3.0-3.6 VDC 5 4.5-5.5 12 10.8-13.2 15 13.5-16.5 24 21.6-26.4 Filter Capacitor Start up time ms Absolute Maximum Rating 3.3 7 VDC 5 9 12 18 15 21 24 30 Peak Input Voltage time 1 s No Load Input Current 50 mA Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 60 sec 1000, 3000 VDC Resistance > 1000 MOhm Capacitance 15 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±5 % Short Circuit protection Continuous Short circuit restart Auto recovery Line voltage regulation For 1.0% change of Vin ±1.5 % of Vin Load voltage regulation load 10~100% 20% % Temperature coefficient ±0.03 %/oC Ripple & Noise 20MHz Bandwidth 200 mV p-p Minimum Load Current 10 % of Max General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 100 KHz Operating temperature -40 to +85 oC Storage temperature -55 to +125 oC Maximum case temperature 100 oC Derating Not-Required %/ oC Cooling Free air convection Humidity 95 % RH Case material Non-conductive black plastic (UL94V-0 rated) Weight 2.3 g |
유사한 부품 번호 - AM1DS-1212D-NZ |
|
유사한 설명 - AM1DS-1212D-NZ |