전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1D-0503SH40Z 데이터시트(PDF) 6 Page - AIMTEC

부품명 AM1D-0503SH40Z
상세설명  1 Watt | DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-0503SH40Z 데이터시트(HTML) 6 Page - AIMTEC

  AM1D-0503SH40Z Datasheet HTML 1Page - AIMTEC AM1D-0503SH40Z Datasheet HTML 2Page - AIMTEC AM1D-0503SH40Z Datasheet HTML 3Page - AIMTEC AM1D-0503SH40Z Datasheet HTML 4Page - AIMTEC AM1D-0503SH40Z Datasheet HTML 5Page - AIMTEC AM1D-0503SH40Z Datasheet HTML 6Page - AIMTEC AM1D-0503SH40Z Datasheet HTML 7Page - AIMTEC AM1D-0503SH40Z Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Series AM1D-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.E
6 of 8
North America only
Models
Dual separate output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM1D-050303DZ
4.5-5.5
3.3/3.3
150/150
1000
100
75
AM1D-050505DZ
4.5-5.5
5/5
100/100
1000
100
72
AM1D-050707DZ
4.5-5.5
7.2/7.2
70/70
1000
100
73
AM1D-050909DZ
4.5-5.5
9/9
55/55
1000
100
75
AM1D-051212DZ
4.5-5.5
12/12
42/42
1000
100
80
AM1D-051515DZ
4.5-5.5
15/15
35 /35
1000
100
78
AM1D-051818DZ
4.5-5.5
18/18
27/27
1000
100
77
AM1D-052424DZ
4.5-5.5
24/24
20/20
1000
100
77
AM1D-120303DZ
10.8-13.2
3.3/3.3
150/150
1000
100
66
AM1D-120505DZ
10.8-13.2
5/5
100/100
1000
100
72
AM1D-120707DZ
10.8-13.2
7.2/7.2
70/70
1000
100
66
AM1D-120909DZ
10.8-13.2
9/9
55/55
1000
100
75
AM1D-121212DZ
10.8-13.2
12/12
42/42
1000
100
78
AM1D-121515DZ
10.8-13.2
15/15
35 /35
1000
100
80
AM1D-121818DZ
10.8-13.2
18/18
27/27
1000
100
75
AM1D-122424DZ
10.8-13.2
24/24
20/20
1000
100
72
AM1D-240303DZ
21.6-26.4
3.3/3.3
150/150
1000
100
66
AM1D-240505DZ
21.6-26.4
5/5
100/100
1000
100
72
AM1D-240707DZ
21.6-26.4
7.2/7.2
70/70
1000
100
72
AM1D-240909DZ
21.6-26.4
9/9
55/55
1000
100
78
AM1D-241212DZ
21.6-26.4
12/12
42/42
1000
100
80
AM1D-241515DZ
21.6-26.4
15/15
35 /35
1000
100
77
AM1D-241818DZ
21.6-26.4
18/18
27/27
1000
100
75
AM1D-242424DZ
21.6-26.4
24/24
20/20
1000
100
73
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
24
21.6-26.4
Filter
Capacitor
Turn on Transient process time
25
ms
Start up time
200
ms
Absolute Maximum Rating
5 Vin
0-7
VDC
12 Vin
0-15
24 Vin
0-28
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1000 (all models), 3000, 4000, 5200 & 6000 (single / dual)
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Voltage balance (Dual Output model)
Balanced Load
±1
%
Short Circuit protection
Momentary (1 sec)


유사한 부품 번호 - AM1D-0503SH40Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1D-0503SH40 AIMTEC-AM1D-0503SH40 Datasheet
268Kb / 3P
   1 watt dc-dc converters
More results

유사한 설명 - AM1D-0503SH40Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com