전자부품 데이터시트 검색엔진 |
|
AM3TW-4807DH35Z 데이터시트(PDF) 2 Page - AIMTEC |
|
AM3TW-4807DH35Z 데이터시트(HTML) 2 Page - AIMTEC |
2 / 4 page Series AM3TW-Z 3 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.F 2 of 4 North America only Models Dual output Model Input Voltage (V) Output Voltage (V) Output Current max (mA) Isolation (VDC) Capacitive load, max (μF) Efficiency (%) AM3TW-2424DZ 9-36 ±24 ±63 1500 ±33 80 AM3TW-4803DZ 18-72 ±3.3 ±400 1500 ±470 76 AM3TW-4805DZ 18-72 ±5 ±300 1500 ±470 81 AM3TW-4807DZ 18-72 ±7.2 ±208 1500 ±100 78 AM3TW-4809DZ 18-72 ±9 ±167 1500 ±100 82 AM3TW-4812DZ 18-72 ±12 ±125 1500 ±68 81 AM3TW-4815DZ 18-72 ±15 ±100 1500 ±68 82 AM3TW-4818DZ 18-72 ±18 ±84 1500 ±33 81 AM3TW-4824DZ 18-72 ±24 ±63 1500 ±33 81 AM3TW-2403DH35Z 9-36 ±3.3 ±400 3500 ±470 76 AM3TW-2405DH35Z 9-36 ±5 ±300 3500 ±470 79 AM3TW-2407DH35Z 9-36 ±7.2 ±208 3500 ±100 78 AM3TW-2409DH35Z 9-36 ±9 ±167 3500 ±100 79 AM3TW-2412DH35Z 9-36 ±12 ±125 3500 ±68 80 AM3TW-2415DH35Z 9-36 ±15 ±100 3500 ±68 80 AM3TW-2418DH35Z 9-36 ±18 ±84 3500 ±33 81 AM3TW-2424DH35Z 9-36 ±24 ±63 3500 ±33 80 AM3TW-4803DH35Z 18-72 ±3.3 ±400 3500 ±470 76 AM3TW-4805DH35Z 18-72 ±5 ±300 3500 ±470 81 AM3TW-4807DH35Z 18-72 ±7.2 ±208 3500 ±100 78 AM3TW-4809DH35Z 18-72 ±9 ±167 3500 ±100 82 AM3TW-4812DH35Z 18-72 ±12 ±125 3500 ±68 81 AM3TW-4815DH35Z 18-72 ±15 ±100 3500 ±68 82 AM3TW-4818DH35Z 18-72 ±18 ±84 3500 ±33 81 AM3TW-4824DH35Z 18-72 ±24 ±63 3500 ±33 81 NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Input Specifications Parameters Nominal Typical Maximum Units Voltage range 24 48 9-36 18-72 VDC Filter π (Pi) Network Turn on Transient process time 350 ms Start up time 500 ms Absolute Maximum Rating 24 Vin 48 Vin -0.7-40 -0.7-80 VDC Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested voltage 3 sec 1500 and 3500 VDC Resistance > 1000 MOhm Capacitance 470 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Voltage balance (Dual output) ±1 % Short Circuit protection Continuous Short circuit restart Automatic Line voltage regulation (Single) LL-HL ±0.5 % |
유사한 부품 번호 - AM3TW-4807DH35Z |
|
유사한 설명 - AM3TW-4807DH35Z |