전자부품 데이터시트 검색엔진 |
|
AM3T-4818DZ 데이터시트(PDF) 3 Page - AIMTEC |
|
AM3T-4818DZ 데이터시트(HTML) 3 Page - AIMTEC |
3 / 4 page Series AM3T-Z 3 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.B 3 of 4 North America only Models Dual output (continue) Model Input Voltage (V) Output Voltage (V) Output Current max (mA) Isolation (VDC) Capacitive load, max (μF) Efficiency (%) AM3T-4815DH35Z 36-72 ±15 ±100 3500 ±22 80 AM3T-4818DH35Z 36-72 ±18 ±84 3500 ±10 78 AM3T-4824DH35Z 36-72 ±24 ±63 3500 ±10 80 NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified Input Specifications Parameters Nominal Typical Maximum Units Voltage range 12 24 48 9-18 18-36 36-72 VDC Filter π (Pi) Network Turn on Transient process time 350 ms Start up time 500 ms Absolute Maximum Rating 12 Vin 24 Vin 48 Vin -0.7-24 -0.7-40 -0.7-80 VDC Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1500 and 3500 VDC Resistance > 1000 MOhm Capacitance 470 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Voltage balance Dual output ±1 % Short Circuit protection Continuous Short circuit restart Auto-recovery Line voltage regulation (Single) LL-HL ±0.5 % Line voltage regulation (Dual) LL-HL ±0.5 % Load voltage regulation (Single) Load: 10…100% ±0.5 % Load voltage regulation (Single) 3.3V output model Load: 10…100% ±1.5 % Load voltage regulation (Dual) Load: 10…100% ±0.5 % Load voltage regulation (Dual) ±3.3V output model Load: 10…100% ±1.5 % Temperature coefficient ±0.02 %/ oC Ripple & Noise At 20MHz Bandwidth 60 mV p-p Rising time 10 ms General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 266 KHz Operating temperature Full Load without Derating -40 to +85 oC Storage temperature -40 to +125 oC Max Case temperature 100 oC Cooling Free air convection Humidity 90 % Case material Nickel-coated copper Weight 17 g Dimensions(L x W x H) Tolerance ±0.5 mm or ±0.02 inches 1.28 x 0.84 x 0.41 inches 32.25 x 21.35 x 10.50mm MTBF >1 039 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 oC) |
유사한 부품 번호 - AM3T-4818DZ |
|
유사한 설명 - AM3T-4818DZ |