전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

218-0181-000 데이터시트(PDF) 26 Page - ITT Industries

부품명 218-0181-000
상세설명  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

218-0181-000 데이터시트(HTML) 26 Page - ITT Industries

Back Button 218-0181-000 Datasheet HTML 22Page - ITT Industries 218-0181-000 Datasheet HTML 23Page - ITT Industries 218-0181-000 Datasheet HTML 24Page - ITT Industries 218-0181-000 Datasheet HTML 25Page - ITT Industries 218-0181-000 Datasheet HTML 26Page - ITT Industries 218-0181-000 Datasheet HTML 27Page - ITT Industries 218-0181-000 Datasheet HTML 28Page - ITT Industries 218-0181-000 Datasheet HTML 29Page - ITT Industries 218-0181-000 Datasheet HTML 30Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
25
ZIF Connectors
DLM2
DLM2 — Metal Body — 96 Pin Connectors — PC/RC Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 61.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
127050-0215
DLM2-96PC
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 61.
Part Number
Nomenclature
127050-0219
DLM2-96RC
50,60 (1.994)
65,80 (2.592)
28,12 (1.108)
2X Ø 2,30
(.091)
19,38 (.763)
57,91 (2.280)
4X Ø 3,20
(.126)
7,92 (.312)
6,35
(.250)
74,75
(2.945)
34,20
(1.347)
Ø 0,50 (.020)
4,60 (.181)
27,75
(1.093)
CAMSHAFT
TURNING DIRECTION
24,05
(.947)
7 SPACES @ 2,54 (.100)
= 17,78 (.700)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
50,60 (1.994)
50,60 (1.994)
65,80 (2.592)
28,12 (1.108)
2X Ø 2,30
(.091)
19,38 (.763)
57,91 (2.280)
4X Ø 3,20
(.126)
7,75 (.305)
25,20
(.992)
6,35 (.250)
Ø 0,50 (.020)
4,60 (.181)
24,05
(.947)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
50,60 (1.994)
7 SPACES @ 2,54 (.100)
= 17,78 (.700)


유사한 부품 번호 - 218-0181-000

제조업체부품명데이터시트상세설명
logo
CTS Corporation
218-02LPST CTS-218-02LPST Datasheet
324Kb / 2P
   SMT Half Pitch DIP Switch?밃uto Placeable
218-02LPSTJF CTS-218-02LPSTJF Datasheet
101Kb / 2P
   SMT half pitch DIP switch-Auto placeable
218-04LPSTJF CTS-218-04LPSTJF Datasheet
101Kb / 2P
   SMT half pitch DIP switch-Auto placeable
218-06LPSTJF CTS-218-06LPSTJF Datasheet
101Kb / 2P
   SMT half pitch DIP switch-Auto placeable
218-08LPSTJF CTS-218-08LPSTJF Datasheet
101Kb / 2P
   SMT half pitch DIP switch-Auto placeable
More results

유사한 설명 - 218-0181-000

제조업체부품명데이터시트상세설명
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com