전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM6T-4805DH35Z 데이터시트(PDF) 3 Page - AIMTEC

부품명 AM6T-4805DH35Z
상세설명  6 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6T-4805DH35Z 데이터시트(HTML) 3 Page - AIMTEC

  AM6T-4805DH35Z Datasheet HTML 1Page - AIMTEC AM6T-4805DH35Z Datasheet HTML 2Page - AIMTEC AM6T-4805DH35Z Datasheet HTML 3Page - AIMTEC AM6T-4805DH35Z Datasheet HTML 4Page - AIMTEC AM6T-4805DH35Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM6T-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.J
3 of 5
North America only
Models
Dual output (continued)
Model
Input Voltage
(V)
Output
Voltage (V)
Output Current
max (mA)
Efficiency
(%)
Capacitive
load, max (μF)
Isolation
(VDC)
AM6T-1224DH35Z
9-18
±24
±125
79
±100
3500
AM6T-2403DH35Z
18-36
±3.3
±700
75
±1000
3500
AM6T-2405DH35Z
18-36
±5
±600
80
±680
3500
AM6T-2407DH35Z
18-36
±7.2
±410
82
±330
3500
AM6T-2409DH35Z
18-36
±9
±330
80
±330
3500
AM6T-2412DH35Z
18-36
±12
±250
80
±220
3500
AM6T-2415DH35Z
18-36
±15
±200
80
±100
3500
AM6T-2418DH35Z
18-36
±18
±160
80
±68
3500
AM6T-2424DH35Z
18-36
±24
±125
80
±68
3500
AM6T-4803DH35Z
36-72
±3.3
±700
74
±1000
3500
AM6T-4805DH35Z
36-72
±5
±600
80
±680
3500
AM6T-4807DH35Z
36-72
±7.2
±410
80
±330
3500
AM6T-4809DH35Z
36-72
±9
±330
80
±330
3500
AM6T-4812DH35Z
36-72
±12
±250
80
±220
3500
AM6T-4815DH35Z
36-72
±15
±200
80
±100
3500
AM6T-4818DH35Z
36-72
±18
±160
80
±47
3500
AM6T-4824DH35Z
36-72
±24
±125
81
±47
3500
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-9
VDC
12
9-18
24
18-36
48
36-72
Filter
π
(Pi) Network
Turn on Transient process time
350
ms
Start up time
500
ms
Absolute Maximum Rating
5 Vin
-0.7-15
VDC
12 Vin
-0.7-24
24 Vin
-0.7-40
48 Vin
-0.7-80
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 or 3500
VDC
Resistance
> 1000
MOhm
Capacitance
470
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance
Balanced Load
±1
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Over current protection
120% Iout
Line voltage regulation (Single)
±0.5
%
Line voltage regulation (Dual)
±0.5
%
Load voltage regulation (Single)
0 – 100% load
±0.5
%
Load voltage regulation (Single)
3.3V output model
0 – 100% load
±1.5
%
Load voltage regulation (Dual)
0 – 100% load
±0.5
%


유사한 부품 번호 - AM6T-4805DH35Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM6T-4805DH35Z AIMTEC-AM6T-4805DH35Z Datasheet
313Kb / 5P
   6 Watt | DC-DC Converter
More results

유사한 설명 - AM6T-4805DH35Z

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com