전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD652AQ 데이터시트(PDF) 15 Page - Analog Devices

부품명 AD652AQ
상세설명  Monolithic Synchronous Voltage-to-Frequency Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD652AQ 데이터시트(HTML) 15 Page - Analog Devices

Back Button AD652AQ Datasheet HTML 8Page - Analog Devices AD652AQ Datasheet HTML 9Page - Analog Devices AD652AQ Datasheet HTML 10Page - Analog Devices AD652AQ Datasheet HTML 11Page - Analog Devices AD652AQ Datasheet HTML 12Page - Analog Devices AD652AQ Datasheet HTML 13Page - Analog Devices AD652AQ Datasheet HTML 14Page - Analog Devices AD652AQ Datasheet HTML 15Page - Analog Devices AD652AQ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD652
REV. B
–15–
Table I.
Conversion
or
Resolution
N
Clock
Gate Time
Typ Lin Comments
12 Bits
4096
81.92 kHz
100 ms
0.002%
50, 60, 400 Hz NMR
12 Bits
4096
2 MHz
4.096 ms
0.01%
12 Bits
4096
4 MHz
2.048 ms
0.02%
4 Digits
10000
200 kHz
100 ms
0.002%
50, 60, 400 Hz NMR
14 Bits
16384
327.68 kHz
100 ms
0.002%
50, 60, 400 Hz NMR
14 Bits
16384
1.966 MHz
16.66 ms
0.01%
60 Hz NMR
14 Bits
16384
1.638 MHz
20 ms
0.01%
50 Hz NMR
4 1/2 Digits
20000
400 kHz
100 ms
0.002%
50, 60, 400 Hz NMR
16 Bits
65536
655.36 kHz
200 ms
0.002%
50, 60, 400 Hz NMR
16 Bits
65536
4 MHz
32.77 ms
0.02%
DELTA MODULATOR
The circuit of Figure 29 shows the AD652 configured as a delta
modulator. A reference voltage is applied to the input of the
integrator (Pin 7), which sets the steady state output frequency
at one-half of the AD652 full-scale frequency (1/4 of the clock
frequency). As a 0 V to 10 V input signal is applied to the com-
parator (Pin 15), the output of the integrator attempts to track
this signal. For an input in an idling condition (dc) the output
frequency will be one-half full scale. For positive going signals
the output frequency will be between one-half full scale and full
scale, and for negative going signals the output frequency will be
between zero and one-half full scale. The output frequency will
correspond to the slope of the comparator input signal.
Figure 29. Delta Modulator
Since the output frequency corresponds to the slope of the input
signal, the delta modulator acts as a differentiator. A delta modula-
tor is thus a direct way of finding the derivative of a signal. This
is useful in systems where, for example, a signal corresponding
to velocity exists and it is desired to determine acceleration.
Figure 30 is a scope photo showing a 20 kHz, 0 V to 10 V sine
wave used as the input to the comparator and its ramp-wise
approximation at the integrator output. The clock frequency used
as 2 MHz and the integrating capacitor was 360 pF. Figure 31
shows the same input signal and its ramp-wise approximation,
along with the output frequency corresponding to the derivative
of the input signal. In this case the clock frequency was 50 kHz.
The choice of an integrating capacitor is primarily dictated by
the input signal bandwidth. Figure 32 shows this relationship. It
should be noted that as the value of CINT is lowered, the ramp
size of the integrator approximation becomes larger. This can
be compensated for by increasing the clock frequency. The effect
of the clock frequency on the ramp size is demonstrated in
Figures 30 and 31.
an opto-isolator and latched into a D-flop. The chopper frequency
is generated from an AD654 VFC and is frequency divided by two
to develop differential drive for the chopper transistors, and to
ensure an accurate 50 percent duty cycle. The pull-up resistors
on the D-flop outputs provide a well defined high level voltage
to the choppers to equalize the drive in each direction. The 10
µH
inductor in the +5 V lead of the transformer primary is necessary
to equalize any residual imbalance in the drive on each half-
cycle and thus prevent saturation of the core. The capacitor
across the primary resonates the system so that under light load-
ing conditions on the secondary the wave shape will be sinusoidal
and the clock frequency will be relayed to the SVFC. To adjust
the chopper frequency, disconnect any load on the secondary
and tune the AD654 for a minimum in the supply current drawn
from the 5 volt supply.
A-TO-D CONVERSION
In performing an A-to-D conversion, the output pulses of a VFC
are counted for a fixed gate interval. To achieve maximum per-
formance with the AD652, the fixed gate interval should be
generated using a multiple of the SVFC clock input. Counting
in this manner will eliminate any errors due to the clock (whether it
be jitter, drift with time or temperature, etc.) since it is the ratio
of the clock and output frequencies that is being measured.
The resolution of the A-to-D conversion measurement is deter-
mined by the clock frequency and the gate time. If, for instance,
a resolution of 12 bits is desired and the clock frequency is 1 MHz
(resulting in an AD652 FS frequency of 500 kHz) the gate time
will be:
FS Freq
N
–1
= 1
2
Clock Freq
N
–1
=
1 MHz
2(4096 )
–1
= 8192
1
×106
sec
= 8.192 ms :
Where N is the
total number of
codes for a given
resolution.
Figure 28 shows the AD652 SVFC as an A-to-D converter in
block diagram form.
Figure 28. Block Diagram of SVFC A-to-D Converter
To provide the
÷ 2N block a single chip counter such as the
4020B can be used. The 4020B is a 14-stage binary ripple
counter which has a clock and master reset for inputs, and buff-
ered outputs from the first stage and the last eleven stages. The
output of the first stage is fCLOCK
÷ 21 = f
CLOCK/2) while the
output of the last stage is fCLOCK
÷ 214 = fCLOCK/16384. Hence
using this single chip counter as the
÷ 2N block, 13-bit resolu-
tion can be achieved. Higher resolution can be achieved by
cascading D-type flipflops or another 4020B with the counter.
Table I shows the relationship between clock frequency and gate
time for various degrees of resolution. Note that if the variables
are chosen such that the gate times are multiples of 50 Hz, 60 Hz
or 400 Hz, normal-mode rejection (NMR) of those line fre-
quencies will occur.


유사한 부품 번호 - AD652AQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD652AQ AD-AD652AQ Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652AQ AD-AD652AQ Datasheet
631Kb / 29P
   Monolithic Synchronous Voltage-to-Frequency Converter
logo
List of Unclassifed Man...
AD652AQ ETC2-AD652AQ Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Analog Devices
AD652AQ2 AD-AD652AQ2 Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652AQ2 AD-AD652AQ2 Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
More results

유사한 설명 - AD652AQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD652JPZ-REEL AD-AD652JPZ-REEL Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652KPZ AD-AD652KPZ Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652_15 Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652_17 Datasheet
631Kb / 29P
   Monolithic Synchronous Voltage-to-Frequency Converter
AD652JPZ AD-AD652JPZ Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652KPZ-REEL AD-AD652KPZ-REEL Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD651 AD-AD651 Datasheet
1Mb / 16P
   Monolithic Synchronous Voltage-to-Frequency Converter
AD652KPZ-REEL AD-AD652KPZ-REEL Datasheet
786Kb / 28P
   Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD654 AD-AD654_17 Datasheet
410Kb / 13P
   Low Cost Monolithic Voltage-to-Frequency Converter
AD654 AD-AD654_15 Datasheet
359Kb / 12P
   Low Cost Monolithic Voltage-to-Frequency Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com