전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

04457.60.05 데이터시트(PDF) 1 Page - General Cable Technologies Corporation

부품명 04457.60.05
부품 상세설명  3-Conductor Grounded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENERAL [General Cable Technologies Corporation]
홈페이지  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

04457.60.05 데이터시트(HTML) 1 Page - General Cable Technologies Corporation

  04457.60.05 Datasheet HTML 1Page - General Cable Technologies Corporation 04457.60.05 Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
63
Specialty Extension Cords and Lighting
Cord & Cordset
Product Construction:
Conductor:
• 16 AWG stranded bare copper per
ASTM B-174
Insulation:
• Premium-grade, color-coded PVC
Jacket:
• PVC; yellow
• Voltage rating: 300 volts
Applications:
• Temporary lighting
• For general use only
• Not for use in hazardous locations
Features:
• Side outlet
• On/off switch
• 75-watt bulb maximum
• Swivel hook
• Polypropylene guard
Industry Approvals:
• UL Listed
• OSHA Acceptable for general use
Product Construction:
Conductor:
• 16 AWG stranded bare copper per
ASTM B-174
Insulation:
• Premium-grade, color-coded PVC
Jacket:
• PVC; yellow
• Voltage rating: 300 volts
Applications:
• Temporary lighting
• For general use only
• Not for use in hazardous locations
Features:
• Side outlet
• Metal hook
• On/off switch
• 75-watt bulb maximum
• 3-conductor grounded
Industry Approvals:
• UL Listed
• OSHA Acceptable for general use
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS
AMPS WATTS
04497.60.05
3
16
50
Yellow
125
13
1650
6
3.5
21
079407044979
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
04455.60.05
3
16
25
Yellow
125
13
1650 15-15P 12 1.8 22
079407044559
04457.60.05
3
16
50
Yellow
125
13
1650 15-15P 6
3.5 21
079407044573
Metal Guard Utility Light
3-Conductor Grounded • Type SJT • 300 Volts
Plastic Guard Utility Light
3-Conductor Grounded • Type SJT • 300 Volts


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn