전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD74322AAR 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD74322AAR
상세설명  Low Cost, Low Power Stereo Audio Analog Front End
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD74322AAR 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD74322AAR Datasheet HTML 5Page - Analog Devices AD74322AAR Datasheet HTML 6Page - Analog Devices AD74322AAR Datasheet HTML 7Page - Analog Devices AD74322AAR Datasheet HTML 8Page - Analog Devices AD74322AAR Datasheet HTML 9Page - Analog Devices AD74322AAR Datasheet HTML 10Page - Analog Devices AD74322AAR Datasheet HTML 11Page - Analog Devices AD74322AAR Datasheet HTML 12Page - Analog Devices AD74322AAR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD74322
–9–
Pr D
03/00
PRELIMINARY TECHNICAL DATA
PRELIMINAR
Y
TECHNICAL
DA
TA
4
4
DUAL
REGULATOR
DSP
AD743xx
FILTER
2.4 V
3.3 V
5.0 V
AVDD
VDD2
VDD1
AGND
DGND
DGND
DVDD
Figure <MCLK_Divider>
The divider ratios will allow more convenient sample rate
selection from a common MCLK which may be required
in many voice related applications.
Example 1: fSAMP = 48 kHz and 8 kHz required
MCLK = 48*103 * 256 = 12.288 MHz to cater for 48
kHz fSAMP
For fSAMP = 8 kHz, it is necessary to use the /3 setting in
Pre-Scaler 1, the /2 setting in Pre-Scaler 2 and pass
through in Pre-Scaler 3. This results in an IMCLK =
8*103 * 256 = 2.048 MHz (= 12.288 MHz/6).
Example 2: fSAMP = 48 kHz and 32 kHz required
MCLK =
24.576 MHz
For fSAMP = 48 kHz, it is necessary to use the /2 setting in
Pre-Scaler 1 and the /1 (pass-through) setting in Pre-
Scaler 2 and pass through in Pre-Scaler 3. This results in
an IMCLK = 48*103 * 256 = 12.288 MHz.
For fSAMP = 32 kHz, it is necessary to use the /3 setting in
Pre-Scaler 1 and the /1 (pass-through) setting in Pre-
Scaler 2 and pass through in Pre-Scaler 3. This results in
an IMCLK = 32*103 * 256 = 8.192 MHz.
Example 3: fSAMP = 44.1 kHz and 11.025 kHz required
MCLK = 44.1*103 * 256 = 11.2896 MHz to cater for
44.1 kHz fSAMP
For fSAMP= 11.025 kHz, it is necessary to use the /1 setting in Pre-
Scaler 1 and the /4 setting in Pre-Scaler 2 and pass
through in Pre-Scaler 3. This results in an IMCLK =
11.025*10
3 * 256 = 2.8224 MHz (= 11.2896 MHz/4).
SampleRates
Forallapplicationsthesamplingrateisdefinedbytheinternalmaster
clockfrequency(IMCLK)whereIMCLK=256*fSAMP.
Power-On Reset
The AD74322 features a power-on reset circuit which
ensures that all internal circuitry is reset and initialised to
Figure <PSU_Connection>
a known state following the power-up of the device. There
is also a software reset capability available by setting the
RESET bit in Control Register _.
This control register is
accessed through the Control Port.
Power Supplies and Grounds
The AD74322 features three separate supplies: AVDD,
DVDD1 and DVDD2.
AVDD is the supply to the analog section of the device
and must therefore be of sufficient quality to preserve the
AD74322’s performance characteristics. It is nominally a
2.4 V supply.
DVDD1 is the supply for the digital interface section of
the device. It is fed from the digital supply voltage of the
DSP or controller to which the device is interfaced and
allows the AD74322 to interface with devices operating at
supplies of between 2.4 V -5% to 3.3 V + 10%.
DVDD2 is the supply for the digital core of the
AD74322. It is nominally a 2.4 V supply.


유사한 부품 번호 - AD74322AAR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743 AD-AD743 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results

유사한 설명 - AD74322AAR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARSZ AD-AD73311ARSZ Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311 AD-AD73311_15 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311L AD-AD73311L_15 Datasheet
381Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311 AD-AD73311 Datasheet
334Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Analog Devices
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com