전자부품 데이터시트 검색엔진 |
|
AD7528CQ 데이터시트(PDF) 1 Page - Analog Devices |
|
AD7528CQ 데이터시트(HTML) 1 Page - Analog Devices |
1 / 8 page REV. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a CMOS Dual 8-Bit Buffered Multiplying DAC AD7528 FEATURES On-Chip Latches for Both DACs +5 V to +15 V Operation DACs Matched to 1% Four Quadrant Multiplication TTL/CMOS Compatible Latch Free (Protection Schottkys not Required) APPLICATIONS Digital Control of: Gain/Attenuation Filter Parameters Stereo Audio Circuits X-Y Graphics FUNCTIONAL BLOCK DIAGRAM VREFA AD7528 VREFB RFB B AGND VDD DB0 DB7 DATA INPUTS DAC A/ DAC B CS WR DGND CONTROL LOGIC INPUT BUFFER LATCH LATCH OUT B OUT A DAC B DAC A RFB A GENERAL DESCRIPTION The AD7528 is a monolithic dual 8-bit digital/analog converter featuring excellent DAC-to-DAC matching. It is available in skinny 0.3" wide 20-lead DIPs and in 20-lead surface mount packages. Separate on-chip latches are provided for each DAC to allow easy microprocessor interface. Data is transferred into either of the two DAC data latches via a common 8-bit TTL/CMOS compatible input port. Control input DAC A/DAC B determines which DAC is to be loaded. The AD7528’s load cycle is similar to the write cycle of a ran- dom access memory and the device is bus compatible with most 8-bit microprocessors, including 6800, 8080, 8085, Z80. The device operates from a +5 V to +15 V power supply, dis- sipating only 20 mW of power. Both DACs offer excellent four quadrant multiplication charac- teristics with a separate reference input and feedback resistor for each DAC. PRODUCT HIGHLIGHTS 1. DAC-to-DAC matching: since both of the AD7528 DACs are fabricated at the same time on the same chip, precise match- ing and tracking between DAC A and DAC B is inherent. The AD7528’s matched CMOS DACs make a whole new range of applications circuits possible, particularly in the audio, graphics and process control areas. 2. Small package size: combining the inputs to the on-chip DAC latches into a common data bus and adding a DAC A/DAC B select line has allowed the AD7528 to be packaged in either a small 20-lead DIP, SOIC or PLCC. ORDERING GUIDE 1 Temperature Relative Gain Package Model 2 Ranges Accuracy Error Options 3 AD7528JN –40 °C to +85°C ±1 LSB ±4 LSB N-20 AD7528KN –40 °C to +85°C ±1/2 LSB ±2 LSB N-20 AD7528LN –40 °C to +85°C ±1/2 LSB ±1 LSB N-20 AD7528JP –40 °C to +85°C ±1 LSB ±4 LSB P-20A AD7528KP –40 °C to +85°C ±1/2 LSB ±2 LSB P-20A AD7528LP –40 °C to +85°C ±1/2 LSB ±1 LSB P-20A AD7528JR –40 °C to +85°C ±1 LSB ±4 LSB R-20 AD7528KR –40 °C to +85°C ±1/2 LSB ±2 LSB R-20 AD7528LR –40 °C to +85°C ±1/2 LSB ±1 LSB R-20 AD7528AQ –40 °C to +85°C ±1 LSB ±4 LSB Q-20 AD7528BQ –40 °C to +85°C ±1/2 LSB ±2 LSB Q-20 AD7528CQ –40 °C to +85°C ±1/2 LSB ±1 LSB Q-20 AD7528SQ –55 °C to +125°C ±1 LSB ±4 LSB Q-20 AD7528TQ –55 °C to +125°C ±1/2 LSB ±2 LSB Q-20 AD7528UQ –55 °C to +125°C ±1/2 LSB ±1 LSB Q-20 NOTES 1Analog Devices reserves the right to ship side-brazed ceramic in lieu of cerdip. Parts will be marked with cerdip designator “Q.” 2Processing to MIL-STD-883C, Class B is available. To order, add suffix “/883B” to part number. For further information, see Analog Devices’ 1990 Military Products Databook. 3N = Plastic DIP; P = Plastic Leaded Chip Carrier; Q = Cerdip; R = SOIC. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 1998 |
유사한 부품 번호 - AD7528CQ |
|
유사한 설명 - AD7528CQ |