전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJE-3V12W1P3 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 SMJE-3V12W1P3
상세설명  Acrich 2 series designed for...
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SMJE-3V12W1P3 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SMJE-3V12W1P3 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMJE-3V12W1P3 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMJE-3V12W1P3 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMJE-3V12W1P3 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMJE-3V12W1P3 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMJE-3V12W1P3 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMJE-3V12W1P3 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMJE-3V12W1P3 Datasheet HTML 11Page - List of Unclassifed Manufacturers SMJE-3V12W1P3 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Rev. 01
June 2012
www.Acrich.com
8
3. Color spectrum
4. Power characteristic
0
0.2
0.4
0.6
0.8
1
1.2
1.4
200
210
220
230
240
250
260
Voltage[V]
Relative Power Distribution vs. Voltage at Ta=25oC
All
0
0.2
0.4
0.6
0.8
1
1.2
300
400
500
600
700
800
Wavelength[nm]
Relative Spectral Power Distribution at Ta=25oC
2700K
4000K
5500K


유사한 부품 번호 - SMJE-3V12W1P3

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
More results

유사한 설명 - SMJE-3V12W1P3

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SAW8KGOB SEOUL-SAW8KGOB Datasheet
164Kb / 1P
   Acrich support for Immediate
logo
List of Unclassifed Man...
SMJE-2V12W1P3 ETC2-SMJE-2V12W1P3 Datasheet
649Kb / 17P
   Arich 2 series designed for...
logo
Seoul Semiconductor
SMJE-2V04W1P3 SEOUL-SMJE-2V04W1P3 Datasheet
745Kb / 17P
   The Acrich 2 series, which are designed for AC drive(or operation), do not need the standard converter essential for a conventional general lighting product.
MJT-5050 SEOUL-MJT-5050 Datasheet
454Kb / 1P
   Technical Support using Acrich Kit
SMJP-2V04W1P1 SEOUL-SMJP-2V04W1P1 Datasheet
772Kb / 16P
   Acrich 2 - 120V 4.3W MR Connect using a AIC directly to AC power
logo
List of Unclassifed Man...
SMJE-3V08W1P3 ETC2-SMJE-3V08W1P3 Datasheet
688Kb / 17P
   Acrich2 series designed for AC drive...
logo
PUI audio inc.
SMT-0927-T-2-R PUIAUDIO-SMT-0927-T-2-R Datasheet
467Kb / 3P
   Top_firing electromechanical transducer designed for 2 to 4 Vp-p
logo
Everlight Electronics C...
7383-G1C3-ATVA EVERLIGHT-7383-G1C3-ATVA Datasheet
113Kb / 8P
   Specially designed for applications
7383-B1C3-AMQA EVERLIGHT-7383-B1C3-AMQA Datasheet
112Kb / 8P
   Specially designed for applications
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com