전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCE12A 데이터시트(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

부품명 LCE12A
상세설명  Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MERITEK [MERITEK ELECTRONICS CORPORATION]
홈페이지  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

LCE12A 데이터시트(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  LCE12A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION LCE12A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION LCE12A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min.@IT
Breakdown
Voltage
Max.@IT
Test
Current
Maximum
Reverse
Leakage
@VRWM
Maximum
Peak Pulse
Current
Per fig.3
Maximum
Clamping
Voltage
@IPP
Maximum
Junction
Capacitance
@0V
Working
Inverse
Blocking
Voltage
Working
Blocking
Leakage
Current
Peak
Inverse
Blocking
Voltage
Part
Number
VRWM(V) VBR MIN.(V) VBR MAX.(V) IT(mA)
IR(µA)
IPP(A)
VC(V)
(pF)
VWIB(V)
IIB(mA)
VPIB(V)
LCE6.5A
6.5
7.22
7.98
10
1000
11.2
100
100
75
1.0
100
LCE7.0A
7.0
7.78
8.60
10
500
12.0
100
100
75
1.0
100
LCE7.5A
7.5
8.33
9.21
10
250
12.9
100
100
75
1.0
100
LCE8.0A
8.0
8.89
9.83
1
100
13.6
100
100
75
1.0
100
LCE8.5A
8.5
9.44
10.40
1
50
14.4
100
100
75
1.0
100
LCE9.0A
9.0
10.00
11.10
1
10
15.4
97
100
75
1.0
100
LCE10A
10.0
11.10
12.30
1
5
17.0
88
100
75
1.0
100
LCE11A
11.0
12.20
13.50
1
1
18.2
82
100
75
1.0
100
LCE12A
12.0
13.30
14.70
1
1
19.9
75
100
75
1.0
100
LCE13A
13.0
14.40
15.90
1
1
21.5
70
100
75
1.0
100
LCE14A
14.0
15.60
17.20
1
1
23.2
65
100
75
1.0
100
LCE15A
15.0
16.70
18.50
1
1
24.4
61
100
75
1.0
100
LCE16A
16.0
17.80
19.70
1
1
26.0
57
100
75
1.0
100
LCE17A
17.0
18.90
20.90
1
1
27.6
54
100
75
1.0
100
LCE18A
18.0
20.00
22.10
1
1
29.2
51
100
75
1.0
100
LCE20A
20.0
22.20
24.50
1
1
32.4
46
100
75
1.0
100
LCE22A
22.0
24.40
26.90
1
1
35.5
42
100
75
1.0
100
LCE24A
24.0
26.70
29.50
1
1
38.9
39
100
75
1.0
100
LCE26A
26.0
28.90
31.90
1
1
42.1
36
100
75
1.0
100
LCE28A
28.0
31.10
34.40
1
1
45.5
33
100
75
1.0
100
Millimeters
Inches
Item
Min.
Max.
Min.
Max.
L
25.40
-
1.000
-
T
7.20
9.50
0.285
0.375
d
4.80
5.30
0.190
0.210
s
0.96
1.07
0.038
0.042
L
L
T
d
s
DIA.
DIA.
DO-201
Transient Voltage Suppressors
Series
MERITEK
PACKAGE DIMENSIONS
SPECIFICATIONS
2
Rev 7


유사한 부품 번호 - LCE12A

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
LCE12A EIC-LCE12A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
LCE12A LITTELFUSE-LCE12A Datasheet
3Mb / 146P
   TVS Diode Products
logo
UN Semiconducctor INC
LCE12A UNSEMI-LCE12A Datasheet
3Mb / 6P
   6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Microsemi Corporation
LCE12A MICROSEMI-LCE12A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Ruilongyuan Electronics...
LCE12A RUILON-LCE12A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
More results

유사한 설명 - LCE12A

제조업체부품명데이터시트상세설명
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com