전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7813YR 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7813YR
상세설명  2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7813YR 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7813YR Datasheet HTML 3Page - Analog Devices AD7813YR Datasheet HTML 4Page - Analog Devices AD7813YR Datasheet HTML 5Page - Analog Devices AD7813YR Datasheet HTML 6Page - Analog Devices AD7813YR Datasheet HTML 7Page - Analog Devices AD7813YR Datasheet HTML 8Page - Analog Devices AD7813YR Datasheet HTML 9Page - Analog Devices AD7813YR Datasheet HTML 10Page - Analog Devices AD7813YR Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AD7813
–7–
REV. B
During the acquisition phase the sampling capacitor must be
charged to within a 1/2 LSB of its final value. The time it takes
to charge the sampling capacitor (TCHARGE) is given by the
following formula:
TCHARGE = 7.6
× (R2 + 125 Ω) × 3.5 pF
For small values of source impedance, the settling time associ-
ated with the sampling circuit (100 ns) is, in effect, the acquisi-
tion time of the ADC. For example, with a source impedance
(R2) of 10
Ω the charge time for the sampling capacitor is
approximately 4 ns. The charge time becomes significant for
source impedances of 2 k
Ω and greater.
AC Acquisition Time
In ac applications it is recommended to always buffer analog
input signals. The source impedance of the drive circuitry must
be kept as low as possible to minimize the acquisition time of
the ADC. Large values of source impedance will cause the
THD to degrade at high throughput rates.
ADC TRANSFER FUNCTION
The output coding of the AD7813 is straight binary. The de-
signed code transitions occur at successive integer LSB values
(i.e., 1 LSB, 2 LSBs, etc.). The LSB size is = VREF/1024. The
ideal transfer characteristic for the AD7813 is shown in Figure 7.
000...000
0V
ANALOG INPUT
111...111
000...001
000...010
111...110
111...000
011...111
1LSB
+VREF–1LSB
1LSB = VREF/1024
Figure 7. Transfer Characteristic
POWER-UP TIMES
The AD7813 has a 1
µs power-up time. When VDD is first con-
nected, the AD7813 is in a low current mode of operation. In
order to carry out a conversion the AD7813 must first be pow-
ered up. The ADC is powered up by a rising edge on an inter-
nally generated
CONVST signal, which occurs as a result of a
rising edge on the external
CONVST pin. The rising edge of the
external
CONVST signal initiates a 1
µs pulse on the internal
CONVST signal. This pulse is present to ensure the part has
enough time to power up before a conversion is initiated, as a
conversion is initiated on the falling edge of gated
CONVST.
See Timing and Control section. Care must be taken to ensure
that the
CONVST pin of the AD7813 is logic low when V
DD is
first applied.
When operating in Mode 2, the ADC is powered down at the
end of each conversion and powered up again before the next
conversion is initiated. (See Figure 8.)
t POWER-UP
1 s
t POWER-UP
1 s
t POWER-UP
1 s
MODE 1
MODE 2
VDD
EXT
CONVST
INT
CONVST
VDD
EXT
CONVST
INT
CONVST
Figure 8. Power-Up Times
POWER VS. THROUGHPUT RATE
By operating the AD7813 in Mode 2, the average power con-
sumption of the AD7813 decreases at lower throughput rates.
Figure 9 shows how the Automatic Power-Down is implemented
using the external
CONVST signal to achieve the optimum
power performance for the AD7813. The AD7813 is operated
in Mode 2, and the duration of the external
CONVST pulse is
set to be equal to or less than the power-up time of the device.
As the throughput rate is reduced, the device remains in its power-
down state longer and the average power consumption over time
drops accordingly.
EXT
CONVST
INT
CONVST
POWER-DOWN
t POWER-UP
1 s
t CONVERT
2.0 s
t CYCLE
100 s @ 10kSPS
Figure 9. Automatic Power-Down
For example, if the AD7813 is operated in a continuous sam-
pling mode, with a throughput rate of 10 kSPS, the power con-
sumption is calculated as follows. The power dissipation during
normal operation is 10.5 mW, VDD = 3 V. If the power-up time
is 1
µs and the conversion time is 2.3 µs, the AD7813 can then
be said to dissipate 10.5 mW for 3.3
µs (worst case) during each
conversion cycle. If the throughput rate is 10 kSPS, the cycle
time is 100
µs and the average power dissipated during each
cycle is (3.3/100)
× (10.5 mW) = 346.5 µW.


유사한 부품 번호 - AD7813YR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7813YR AD-AD7813YR Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
AD7813YRU AD-AD7813YRU Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
More results

유사한 설명 - AD7813YR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7813 AD-AD7813_15 Datasheet
194Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
AD7819 AD-AD7819_15 Datasheet
156Kb / 11P
   2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
REV. B
AD7819 AD-AD7819_17 Datasheet
187Kb / 12P
   2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
AD7819YRZ AD-AD7819YRZ Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
REV. B
AD7819 AD-AD7819 Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
REV. A
AD7811YRUZ AD-AD7811YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811 AD-AD7811 Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YRUZ AD-AD7812YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com