전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KAQY414 데이터시트(PDF) 5 Page - COSMO Electronics Corporation

부품명 KAQY414
상세설명  PRODUCT SPECIFICATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY414 데이터시트(HTML) 5 Page - COSMO Electronics Corporation

  KAQY414_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY414_11 Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PRODUCT SPECIFICATION
DATE:04/29/2011
NO.60M01002
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQY414
SHEET 5 OF 7
REV.
2
LED forward current vs. Operate(OFF)time
Across terminals 3 and 4 pin
Load voltage:400V(DC)
Continuous load current:130mA(DC)
Ambient temperature:25℃
Off state leakage current
Across terminals 3 and 4 pin
Ambient temperature:25℃
0
0
10
20
30
405060
0.5
1.0
1.5
2.0
10
40
0
20
60
80
100
-12
-9
10
-6
10
-3
10
LED forward current(mA)
Load voltage(V)
LED forward current vs. reverse(ON)time
Across terminals 3 and 4 pin
Load voltage:400V(DC)
Continuous load current:130mA(DC)
Ambient temperature:25℃
Applied voltage vs. output capacitance
Across terminals 3 and 4 pin
Frequency:1MHz
Ambient temperature:25℃
0
010
20
30
40
1.5
0.5
1.0
2.0
2.5
50
60
0
010
20
30
40
50
60
20
10
30
50
40
LED forward current(mA)
Applied voltage(V)


유사한 부품 번호 - KAQY414_11

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KAQY414 COSMO-KAQY414_15 Datasheet
254Kb / 12P
   4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

유사한 설명 - KAQY414_11

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com