전자부품 데이터시트 검색엔진 |
|
ST1825CG104C101 데이터시트(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION |
|
ST1825CG104C101 데이터시트(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION |
1 / 10 page FEATURES • Wide capacitance range in a given size • High performance to withstanding 5mm of substrate bending test guarantee • Reduction in PCB bend failure • Lead free terminations • High reliability and stability • RoHS compliant • HALOGEN compliant APPLICATIONS • High flexure stress circuit board • DC to DC converter • High voltage coupling/DC blocking • Back-lighting inverters • Snubbers in high frequency power convertors MERITEK Multilayer Ceramic Chip Capacitors supplied in bulk or tape & reel package are ideally suitable for thick-film hybrid circuits and automatic surface mounting on any printed circuit boards, All of MERITEK's MLCC products meet RoHS directive. ST series use a special material between nickel-barrier and ceramic body. It provides excellent performance to against bending stress occurred during process and provide more security for PCB process. The nickel-barrier terminations are consisted of a nickel barrier layer over the silver metallization and then finished by electroplated solder layer to ensure the terminations have good solderability. The nickel barrier layer in terminations prevents the dissolution of termination when extended immersion in molten solder at elevated solder temperature. PART NUMBER SYSTEM DIMENSION ST 0805 XR 104 K 101 Meritek Series Size 0603 0805 1206 1210 1812 1825 2220 2225 Dielectric Code XR CG X7R COG(NPO) Capacitance Code 8R2 101 223 104 pF 8.2 100 22000 100000 nF -- 0.1 22 100 uF -- -- 0.022 0.1 Tolerance Code Tolerance Code Tolerance Code Tolerance B ±0.1pF C ±0.25pF D ±0.5pF F ±1% G ±2% J ±5% K ±10% M ±20% Rated Voltage – 2 significant digits + number of zeros. Code 101 201 251 501 631 100Vdc 200Vdc 250Vdc 500Vdc 630Vdc Size Inch (mm) L(mm) W(mm) Tmax(mm) MB min (mm) 0603(1608) 1.6±0.2 0.8±0.15 0.95 0.20 0805(2012) 2.1±0.2 1.25±0.2 1.45 0.30 1206(3216) 3.3±0.3 1.6±0.2 1.80 0.30 1210(3225) 3.3±0.4 2.5±0.4 2.90 0.30 1812(4532) 4.5±0.4 3.2±0.3 2.80 0.26 1825(4563) 4.6±0.3 6.3±0.4 2.80 0.26 2220(5750) 5.7±0.4 5.0±0.4 2.80 0.30 2225(5763) 5.7±0.4 6.3±0.4 2.80 0.30 Soft Termination Multilayer Ceramic Chip Capacitors RoHS MERITEK ST Series Rev.7 |
유사한 부품 번호 - ST1825CG104C101 |
|
유사한 설명 - ST1825CG104C101 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |