전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8032B 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8032B
상세설명  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8032B 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8032B Datasheet HTML 3Page - Analog Devices AD8032B Datasheet HTML 4Page - Analog Devices AD8032B Datasheet HTML 5Page - Analog Devices AD8032B Datasheet HTML 6Page - Analog Devices AD8032B Datasheet HTML 7Page - Analog Devices AD8032B Datasheet HTML 8Page - Analog Devices AD8032B Datasheet HTML 9Page - Analog Devices AD8032B Datasheet HTML 10Page - Analog Devices AD8032B Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8031/AD8032
–7–
REV. B
RLOAD – Ohms
0
–0.5
–2.5
100
10k
1k
–1
–1.5
–2
VCC
VEE
VIN
RLOAD
VOUT
VCC
2
VCC = +2.7V
VCC = +10V
VCC = +5V
Figure 9. +Output Saturation Voltage vs. RLOAD @ +85 °C
RLOAD – Ohms
0
–0.5
–2.5
100
10k
1k
–1
–1.5
–2
VCC
VEE
VIN
RLOAD
VOUT
VCC
2
VCC = +2.7V
VCC = +10V
VCC = +5V
Figure 10. +Output Saturation Voltage vs. RLOAD @ +25 °C
RLOAD – Ohms
0
–0.5
–2.5
100
10k
1k
–1
–1.5
–2
VCC
VEE
VIN
RLOAD
VOUT
VCC
2
VCC = +2.7V
VCC = +10V
VCC = +5V
Figure 11. +Output Saturation Voltage vs. RLOAD @ –40 °C
1.2
1
0
100
10k
1k
0.6
0.4
0.2
0.8
RLOAD – Ohms
VCC
VEE
VIN
RLOAD
VOUT
VCC
2
VCC = +2.7V
VCC = +10V
VCC = +5V
Figure 12. –Output Saturation Voltage vs. RLOAD @ +85°C
1.2
1
0
100
10k
1k
0.6
0.4
0.2
0.8
RLOAD – Ohms
VCC
VEE
VIN
RLOAD
VOUT
VCC
2
VCC = +2.7V
VCC = +10V
VCC = +5V
Figure 13. –Output Saturation Voltage vs. RLOAD @ +25°C
1.2
1
0
100
10k
1k
0.6
0.4
0.2
0.8
RLOAD – Ohms
VCC
VEE
VIN
RLOAD
VOUT
VCC
2
VCC = +2.7V
VCC = +10V
VCC = +5V
Figure 14. –Output Saturation Voltage vs. RLOAD @ –40°C


유사한 부품 번호 - AD8032B

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8032BN AD-AD8032BN Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8032BNZ AD-AD8032BNZ Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8032BNZ AD-AD8032BNZ Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
AD8032BR AD-AD8032BR Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8032BR AD-AD8032BR Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
More results

유사한 설명 - AD8032B

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8031ART AD-AD8031ART Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
AD8031 AD-AD8031_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032 AD-AD8032_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8031 AD-AD8031_06 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com