전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJE18006 데이터시트(PDF) 4 Page - Motorola, Inc

부품명 MJE18006
상세설명  POWER TRANSISTOR 6.0 AMPERES 1000 VOLTS 40 and 100 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE18006 데이터시트(HTML) 4 Page - Motorola, Inc

  MJE18006 Datasheet HTML 1Page - Motorola, Inc MJE18006 Datasheet HTML 2Page - Motorola, Inc MJE18006 Datasheet HTML 3Page - Motorola, Inc MJE18006 Datasheet HTML 4Page - Motorola, Inc MJE18006 Datasheet HTML 5Page - Motorola, Inc MJE18006 Datasheet HTML 6Page - Motorola, Inc MJE18006 Datasheet HTML 7Page - Motorola, Inc MJE18006 Datasheet HTML 8Page - Motorola, Inc MJE18006 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MJE18006 MJF18006
4
Motorola Bipolar Power Transistor Device Data
Figure 7. Resistive Switching, ton
Figure 8. Resistive Switching, toff
IC, COLLECTOR CURRENT (AMPS)
IC COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
0
2000
IC, COLLECTOR CURRENT (AMPS)
Figure 9. Inductive Storage Time, tsi
Figure 10. Inductive Storage Time, tsi(hFE)
Figure 11. Inductive Switching, tc and tfi
IC/IB = 5
Figure 12. Inductive Switching, tc and tfi
IC/IB = 10
1000
0
4
6
2000
0
3500
3
hFE, FORCED GAIN
6
350
50
0
IC, COLLECTOR CURRENT (AMPS)
4
6
200
50
2000
0
12
15
250
150
2
2
5
6
IC = 3 A
200
150
100
500
4
6
2
500
1000
1500
2500
3000
3500
0
3
4
1000
1500
2500
9
5000
2000
0
500
1000
1500
2500
3000
3500
0
2
3
5
4
6
0
2
3
5
1
3
5
0
3
5
500
3000
4
5
7
8
10
11
13
14
250
100
TJ = 25°C
TJ = 125°C
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
IC/IB = 5
IC/IB = 10
TJ = 25°C
TJ = 125°C
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 25°C
TJ = 125°C
tc
4000
4500
300
1500
IB(off) = IC/2
VCC = 300 V
PW = 20
µs
TJ = 125°C
IC = 1.3 A
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
1
1
1
1
TJ = 25°C
IB(off) = IC/2
VCC = 300 V
PW = 20
µs
IC/IB = 5
IC/IB = 10
TJ = 25°C
TJ = 125°C
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
tfi
tc
4000
tfi
TJ = 25°C
TJ = 125°C
TYPICAL SWITCHING CHARACTERISTICS
(IB2 = IC/2 for all switching)
IC/IB = 5
IC/IB = 10


유사한 부품 번호 - MJE18006

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJE18006 ONSEMI-MJE18006 Datasheet
415Kb / 10P
   POWER TRANSISTOR
1995 REV 1
logo
Savantic, Inc.
MJE18006 SAVANTIC-MJE18006 Datasheet
101Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
MJE18006 JMNIC-MJE18006 Datasheet
100Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJE18006 ISC-MJE18006 Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
MJE18006 SAVANTIC-MJE18006 Datasheet
103Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - MJE18006

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BUL146 MOTOROLA-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL146 ONSEMI-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
logo
Motorola, Inc
BUL44 MOTOROLA-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
logo
Motorola, Inc
MJE18206 MOTOROLA-MJE18206 Datasheet
504Kb / 12P
   POWER TRANSISTORS 8 AMPERES 1200 VOLTS 40 and 100 WATTS
MJE18008 MOTOROLA-MJE18008 Datasheet
421Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 1000 VOLTS 45 and 125 WATTS
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
MJE18004 MOTOROLA-MJE18004 Datasheet
422Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 1000 VOLTS 35 and 75 WATTS
BUT11AF MOTOROLA-BUT11AF Datasheet
120Kb / 6P
   POWER TRANSISTOR 5.0 AMPERES 450 VOLTS 40 WATTS
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com