전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8170AR 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8170AR
상세설명  250 MHz, 10 ns Switching Multiplexers w/Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8170AR 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8170AR Datasheet HTML 3Page - Analog Devices AD8170AR Datasheet HTML 4Page - Analog Devices AD8170AR Datasheet HTML 5Page - Analog Devices AD8170AR Datasheet HTML 6Page - Analog Devices AD8170AR Datasheet HTML 7Page - Analog Devices AD8170AR Datasheet HTML 8Page - Analog Devices AD8170AR Datasheet HTML 9Page - Analog Devices AD8170AR Datasheet HTML 10Page - Analog Devices AD8170AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8170/AD8174
–7–
REV. 0
*WORST CHANNEL
FREQUENCY – MHz
–30
–40
–120
–80
–90
–100
–110
–60
–70
–50
0.5
100
1
10
VOUT = 2V p-p
G = +2
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
RL = 100Ω
2ND HARMONIC
3RD HARMONIC
Figure 16. Harmonic Distortion vs. Frequency
FREQUENCY – MHz
1M
316k
10
0.1
500
1
10
100
10k
316
100
31.6
100k
31.6k
1k
3.16k
VIN = +0.221V rms
G = +2
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
0.03
ENABLE, SD = LOGIC 1; G = +2
ENABLED OUTPUT IMPEDANCE (G = +2)
ENABLE, SD = LOGIC 0, RS(OUT) = 50Ω
DISABLED (OR SHUTDOWN)
OUTPUT IMPEDANCE (G= +2)
ENABLE,
SD = LOGIC 1;
G = +1
DISABLED
(OR SHUTDOWN)
OUTPUT IMPEDANCE
(G = +1)
ENABLED
(OR DISABLED)
INPUT
IMPEDANCE
Figure 17. Input & Output Impedance vs. Frequency
FREQUENCY – MHz
0
–10
0.1
500
1
10
100
–40
–70
–80
–20
–30
–60
–50
VIN = 200mV rms
G = +2
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
RL = 100Ω
0.03
–PSRR
+PSRR
Figure 18. Power Supply Rejection vs. Frequency
FREQUENCY – Hz
0
–0.4
1G
1M
10M
100M
–3
–0.1
–0.2
–0.3
–1
–2
0
+0.1
VOUT = 2V p-p
G = +2
RF = 1kΩ
RS(OUT) = 20Ω
CL = 0
–9
–6
–7
–8
–5
–4
CL = 20pF
CL =
50pF
CL = 300pF
CL =
100pF
CL =
100pF
CL = 300pF
CL = 50pF
Figure 19. Frequency Response vs. Capacitive Load, G = +2
VIN = 50mV rms
G = +2
RF = 499Ω (AD8170R)
RF = 549Ω (AD8174R)
RL = 100Ω
FREQUENCY – Hz
–0.5
–0.1
–0.2
–0.3
–0.4
0.1
0
0
–9
–5
–6
–7
–8
–3
–4
–1
–2
1M
10M
100M
1G
Figure 20. Small Signal Frequency Response
FREQUENCY – Hz
10
10k
1k
100
1M
100k
180
–45
135
90
45
0
PHASE
TRANSIMPEDANCE
1k
10k
10M
1G
100k
1M
100M
Figure 21. Open-Loop Transresistance and Phase
vs. Frequency


유사한 부품 번호 - AD8170AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8170AR AD-AD8170AR Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170AR-REEL AD-AD8170AR-REEL Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
More results

유사한 설명 - AD8170AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
logo
M/A-COM Technology Solu...
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
Tyco Electronics
A70 MACOM-A70_1 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com