전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST2225CG223C251 데이터시트(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

부품명 ST2225CG223C251
상세설명  Soft Termination Multilayer Ceramic Chip Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MERITEK [MERITEK ELECTRONICS CORPORATION]
홈페이지  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ST2225CG223C251 데이터시트(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

Back Button ST2225CG223C251 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Paper tape
Plastic tape
Size
Thickness
(mm)
7” reel
13” reel
7” reel
13” reel
0603 (1608)
0.80+0.15/-0.10
4k
15k
0.80+0.15/-0.10
4k
15k
-
-
1.25±0.10
-
-
3k
10k
0805 (2012)
1.25±0.20
-
-
3k
-
0.80±0.10
4k
15k
-
-
0.95±0.10
-
-
3k
10k
1.25±0.10
-
-
3k
10k
1206 (3216)
1.60±0.20
-
-
2k
-
0.95±0.10
-
-
3k
10k
1.25±0.10
-
-
3k
10k
1.60±0.20
-
-
2k
-
2.00±0.20
-
-
1k
-
1210 (3225)
2.50±0.40
-
-
1k
-
1.25±0.10
-
-
1k
-
1.60±0.20
-
-
1k
-
2.00±0.20
-
-
1k
-
1812 (4532)
2.50±0.30
-
-
0.5k
3k
1.60±0.20
-
-
1k
-
2.00±0.20
-
-
1k
-
1825 (4563)
2.50±0.30
-
-
0.5k
-
1.60±0.20
-
-
1k
-
2.00±0.20
-
-
1k
-
2220 (5750)
2.50±0.30
-
-
0.5k
-
2.00±0.20
-
-
1k
-
2225 (5763)
2.50±0.30
-
-
0.5k
-
Unit: pieces
Fig. 4 The dimension of reel
Size
0603, 0805, 1206, 1210
1812,1825 ,2220 ,2225
Reel size
7”
10”
13”
7”
C
13.0+0.5/-0.2
13.0+0.5/-0.2
13.0+0.5/-0.2
13.0+0.5/-0.2
W1
8.4+1.5/-0
8.4+1.5/-0
8.4+1.5/-0
12.4+2.0/-0
A
178.0±0.10
250.0±1.0
330.0±1.0
178.0±0.10
N
60.0±1.0/-0
100.0±1.0
100±1.0
80.0±1.0
PACKAGE DIMENSION AND QUANTITY
Soft Termination Multilayer
Ceramic Chip Capacitors
RoHS
MERITEK
ST Series
Rev.7


유사한 부품 번호 - ST2225CG223C251

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ST2225A ETC-ST2225A Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
   LED Display Driver
logo
List of Unclassifed Man...
ST2225A-D ETC-ST2225A-D Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
ST2225A-SS3 ETC-ST2225A-SS3 Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
More results

유사한 설명 - ST2225CG223C251

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
GCJ31CR72A105KA01 MURATA-GCJ31CR72A105KA01 Datasheet
754Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188C70J475KE02 MURATA-GCJ188C70J475KE02 Datasheet
762Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A333KA01 MURATA-GCJ188R92A333KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BL81H104KA01 MURATA-GCJ21BL81H104KA01 Datasheet
758Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A473KA01 MURATA-GCJ188R92A473KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ31CC71H475KA01 MURATA-GCJ31CC71H475KA01 Datasheet
755Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71E105KA01 MURATA-GCJ188R71E105KA01 Datasheet
764Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BC72A105KE02 MURATA-GCJ21BC72A105KE02 Datasheet
757Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ219R71H334KA12 MURATA-GCJ219R71H334KA12 Datasheet
763Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71H224KA01 MURATA-GCJ188R71H224KA01 Datasheet
767Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com