전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8327ARU-REEL 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8327ARU-REEL
상세설명  5 V CATV Line Driver Coarse Step Output Power Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8327ARU-REEL 데이터시트(HTML) 4 Page - Analog Devices

  AD8327ARU-REEL Datasheet HTML 1Page - Analog Devices AD8327ARU-REEL Datasheet HTML 2Page - Analog Devices AD8327ARU-REEL Datasheet HTML 3Page - Analog Devices AD8327ARU-REEL Datasheet HTML 4Page - Analog Devices AD8327ARU-REEL Datasheet HTML 5Page - Analog Devices AD8327ARU-REEL Datasheet HTML 6Page - Analog Devices AD8327ARU-REEL Datasheet HTML 7Page - Analog Devices AD8327ARU-REEL Datasheet HTML 8Page - Analog Devices AD8327ARU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD8327
–4–
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage +VS
Pins 4, 6, 11, 12, 16 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Input Voltages
Pins 17, 18 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.5 V
Pins 1, 2, 3, 19, 20 . . . . . . . . . . . . . . . . . . . –0.8 V to +5.5 V
Internal Power Dissipation
TSSOP
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 810 mW
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering 60 seconds . . . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD8327
DATEN
VIN–
VIN+
GND
VCC
SLEEP
BYP
VCC
VCC
GND
SDATA
CLK
GND
VCC
TXEN
VCC
VOUT
GND
GND
CXR
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
SDATA
Serial Data Input. This digital input allows for an 8-bit serial (gain) word to be loaded into the
internal register with the MSB (Most Significant Bit) first.
2
CLK
Clock Input. The clock port controls the serial attenuator data transfer rate to the 8-bit master-
slave register. A Logic 0-to-1 transition latches the data bit and a 1-to-0 transfers the data bit to
the slave. This requires the input serial data word to be valid at or before this clock transition.
3
TXEN
Logic “0” disables transmission. Logic “1” enables transmission.
4, 6, 11, 12, 16
VCC
Common Positive External Supply Voltage. A 0.1
µF capacitor must decouple each pin.
5, 8, 9, 13, 15
GND
Common External Ground Reference
7
CXR
Transmit Enable/Disable Timing Capacitor. This pin is decoupled with a 100 pF capacitor to GND.
10
VOUT
Output Signal
14
BYP
Internal Bypass. This pin must be externally ac-coupled (0.1
µF capacitor).
17
VIN+
Noninverting Input. DC-biased to approximately VCC/2. Should be ac-coupled with a 0.1
µF
capacitor.
18
VIN–
Inverting Input. DC-biased to approximately VCC/2. Should be ac-coupled with a 0.1
µF capacitor.
19
SLEEP
Low Power Sleep Mode. Logic 0 enables Sleep mode, where ZOUT goes to 200
Ω and supply
current is reduced to 5 mA. Logic 1 enables normal operation.
20
DATEN
Data Enable Low Input. This port controls the 8-bit parallel data latch and shift register. A Logic
0-to-1 transition transfers the latched data to the attenuator core (updates the gain) and simulta-
neously inhibits serial data transfer into the register. A 1-to-0 transition inhibits the data latch
(holds the previous gain state) and simultaneously enables the register for serial data load.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8327 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Model
Temperature Range
Package Description
JA
Package Option
AD8327ARU
–40
°C to +85°C
20-Lead TSSOP
85
°C/W*
RU-20
AD8327ARU-REEL
–40
°C to +85°C
20-Lead TSSOP
85
°C/W*
RU-20
AD8327-EVAL
Evaluation Board
*Thermal Resistance measured on SEMI standard 4-layer board.


유사한 부품 번호 - AD8327ARU-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
More results

유사한 설명 - AD8327ARU-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8322 AD-AD8322 Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8323 AD-AD8323 Datasheet
277Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325 Datasheet
304Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325_05 Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
AD8323 AD-AD8323_15 Datasheet
715Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8326 AD-AD8326 Datasheet
475Kb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com