전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8347ARU-REEL7 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD8347ARU-REEL7
상세설명  0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8347ARU-REEL7 데이터시트(HTML) 5 Page - Analog Devices

  AD8347ARU-REEL7 Datasheet HTML 1Page - Analog Devices AD8347ARU-REEL7 Datasheet HTML 2Page - Analog Devices AD8347ARU-REEL7 Datasheet HTML 3Page - Analog Devices AD8347ARU-REEL7 Datasheet HTML 4Page - Analog Devices AD8347ARU-REEL7 Datasheet HTML 5Page - Analog Devices AD8347ARU-REEL7 Datasheet HTML 6Page - Analog Devices AD8347ARU-REEL7 Datasheet HTML 7Page - Analog Devices AD8347ARU-REEL7 Datasheet HTML 8Page - Analog Devices AD8347ARU-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
–5–
AD8347
PIN FUNCTION DESCRIPTIONS
Pin
Equiv.
No.
Mnemonic
Cir.
Description
1, 28
LOIN, LOIP
A
LO Input. For optimum performance, these inputs should be driven differentially. Typical input
drive level is equal to –8 dBm. To improve the match to a 50
Ω source, connect a 200 Ω shunt
resistor between LOIP and LOIN. A single-ended drive is also possible but this will slightly
increase LO leakage.
2
VPS1
Positive Supply for LO Section. This pin should be decoupled with 0.1
µF and 100 pF capacitors.
3, 4
IOPN, IOPP
B
I Channel Differential Baseband Output. Typical output swing is equal to 760 mV p-p differential
in AGC mode. The common mode level on these pins is programmed by the voltage on VCMO.
5
VCMO
C
Baseband Amplifier Common-Mode Voltage. The voltage applied to this pin sets the output
common-mode level of the baseband amplifiers. This pin can either be connected to VREF
(Pin 14) or to a reference voltage from another device (typically an ADC).
6
IAIN
D
I Channel Baseband Amplifier Input. This pin, which has a high input impedance, should be
biased to VREF (approximately 1 V). If IAIN is connected directly to IMXO, biasing will be
provided by IMXO. If an ac-coupled filter is placed between IMXO and IAIN, this pin can be
biased from VREF through a 1 k
Ω resistor. The gain from IAIN to the differential outputs
IOPN/IOPP is 30 dB.
7, 23
COM3
Ground for Biasing and Baseband Sections
8, 22
IMXO, QMXO
B
I & Q Channel Baseband Mixer/VGA Outputs. These are low impedance outputs whose bias
levels are equal to VREF. IMXO and QMXO are typically connected to IAIN and QAIN
respectively, either directly or through filters. These outputs have a maximum current limit of
about 1.5 mA. This allows for a 600 mV p-p swing into a 200
Ω load. This corresponds to an
input level of –40 dBm @ max gain of 39.5 dB. At lower output levels, IMXO and QMXO, can
drive a lower load resistance, subject to the same current limit.
9
COM2
RF Section Ground
10, 11
RFIN, RFIP
E
RF Input. RFIN must be ac-coupled to ground. The RF input signal should be ac-coupled into
RFIP. For a broadband 50
Ω input impedance, connect a 200 Ω resistor from the signal side of
RFIP’s coupling capacitor to ground. Please note that RFIN and RFIP are not interchangeable
differential inputs. RFIN is the ground reference for the input system.
12
VPS2
Positive Supply for RF Section. This pin should be decoupled with 0.1
µF and 100 pF capacitors.
13, 16
IOFS, QOFS
F
I Channel and Q Channel Offset Nulling Inputs. To null the dc-offset on the I Channel and
Q Channel Mixer Outputs (IMXO, QMXO), connect a 0.1
µF capacitor from these pins to
ground. Alternately, a forced voltage of approximately 1 V on these pins will disable the offset
compensation circuit.
14
VREF
G
Reference Voltage Output. This output voltage (1 V) is the main bias level for the device and
can be used to externally bias the inputs and outputs of the baseband amplifiers.
15
ENBL
H
Chip Enable Input. Active high.
17
VGIN
C
Gain Control Input. The voltage on this pin controls the gain on the RF and baseband VGAs.
The gain control is applied in parallel to all VGAs. The gain control voltage range is from 0.2 V
to 1.2 V and corresponds to a gain range from +39.5 dB to –30 dB. This is the gain to the output
of the baseband VGAs (i.e., QMXO and IMXO). There is an additional 30 dB of gain in the
baseband amplifiers. Note that the gain control function has a negative sense (i.e., increasing
control voltage decreases gain). In AGC mode, this pin is connected directly to VAGC.
18, 20
VDT2, VDT1
D
Detector Inputs. These pin are the inputs to the on-board detector. VDT2 and VDT1, which
have high input impedances, are normally connected to IMXO and QMXO respectively.
19
VAGC
I
AGC Output. This pin provides the output voltage from the on-board detector. In AGC mode,
this pin is connected directly to VGIN.
21
VPS3
Positive Supply for Biasing and Baseband Sections. This pin should be decoupled with 0.1
µF
and 100 pF capacitors.
24
QAIN
D
Q Channel Baseband Amplifier Input. This pin, which has a high input impedance, should be
biased to VREF (approximately 1 V). If QAIN is connected directly to QMXO, biasing will be
provided by QMXO. If an ac-coupled filter is placed between QMXO and QAIN, this pin can
be biased from VREF through a 1 k
Ω resistor. The gain from QAIN to the differential outputs
QOPN/QOPP is 30 dB.
25, 26
QOPP, QOPN
B
Q Channel Differential Baseband Output. Typical output swing is equal to 1 V p-p differential.
The common-mode level on these pins is programmed by the voltage on VCMO.
27
COM1
LO Section Ground


유사한 부품 번호 - AD8347ARU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8347ARU-REEL7 AD-AD8347ARU-REEL7 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion
REV. A
More results

유사한 설명 - AD8347ARU-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347ARUZ AD-AD8347ARUZ Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion
REV. A
ADL5382 AD-ADL5382 Datasheet
804Kb / 28P
   700 MHz to 2.7 GHz Quadrature Demodulator
REV. 0
logo
Linear Technology
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com