전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8367-EVAL 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8367-EVAL
상세설명  500 MHz, Linear-in-dB VGA with AGC Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8367-EVAL 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8367-EVAL Datasheet HTML 6Page - Analog Devices AD8367-EVAL Datasheet HTML 7Page - Analog Devices AD8367-EVAL Datasheet HTML 8Page - Analog Devices AD8367-EVAL Datasheet HTML 9Page - Analog Devices AD8367-EVAL Datasheet HTML 10Page - Analog Devices AD8367-EVAL Datasheet HTML 11Page - Analog Devices AD8367-EVAL Datasheet HTML 12Page - Analog Devices AD8367-EVAL Datasheet HTML 13Page - Analog Devices AD8367-EVAL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. 0
AD8367
–10–
Power and Voltage Metrics
Although power is the traditional metric used in the analysis of
cascaded systems, most active circuit blocks fundamentally
respond to voltage. The relationship between power and voltage
is defined by the impedance level. When input and output imped-
ance levels are the same, power gain and voltage gain are identical.
However, when impedance levels change between input and
output, they differ. Thus, one must be very careful to use the
appropriate gain for system chain analyses. Quantities such as
OIP3 are quoted in dBV rms as well as dBm referenced to 200
Ω.
The dBV rms unit is defined as decibels relative to 1 V rms. In a
200
Ω environment, the conversion from dBV rms to dBm requires
the addition of 7 dB to the dBV rms value. For example, a
+2 dBV rms level corresponds to +9 dBm.
Noise and Distortion
Since the AD8367 consists of a passive variable attenuator
followed by a fixed gain amplifier, the noise and distortion
characteristics as a function of the gain voltage are easily pre-
dicted. The input-referred noise increases in proportion to the
attenuation level. Figure 4 shows noise figure, NF, as a func-
tion of VGAIN for the MODE pin pulled high. The minimum
NF of 7.5 dB occurs at maximum gain and increases 1 dB for
every 1 dB reduction in gain. In receiver applications, the
minimum NF should occur at the maximum gain where the
received signal presumably is weak. At higher levels, a lower
gain is needed, and the increased NF becomes less important.
VGAIN – V
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
60
50
–30
10
0
–10
–20
30
20
40
60
50
–30
10
0
–10
–20
30
20
40
NF
IIP3
Figure 4. Noise Figure and Input Third Order Inter-
cept vs. Gain (RSOURCE
200
Ω)
The input-referred distortion varies in a similar manner to the
noise. Figure 4 illustrates how the third-order intercept point at
the input, IIP3, behaves as a function of VGAIN. The highest IIP3
of 20 dBV rms (27 dBm re 200
Ω) occurs at minimum gain. The
IIP3 then decreases 1 dB for every 1 dB increase in gain. At lower
levels, a degraded IIP3 is acceptable. Overall, the dynamic range,
represented by the difference between IIP3 and NF, remains
reasonably constant as a function of gain. The output distortion
and compression are essentially independent of the gain. At low
gains, when the input level is high, input overload may occur,
causing premature distortion.
Output Centering
The output level is centered midway between ground and the
supply if the DECL pin is left floating. Alternatively, the out-
put level may be set by driving the DECL pin with the desired
reference level. As shown in Figure 5, the loop acts to suppress
deviations from the reference at outputs below its corner
frequency while not affecting signals above it. The maximum
corner frequency with no external capacitor is 500 kHz. The
corner frequency can be lowered arbitrarily by adding an exter-
nal capacitor, CHP:
f
C
HP
HP
(kHz)
(nF)+ .
=
10
002
(3)
A capacitor at pin DECL is recommended to decouple the
reference level to which the output is centered.
gm
HPFL
DECL
AV
1
VMID
VOUT
FROM
INPUT
MAIN
AMPLIFIER
CHP
Figure 5. The dc output level is centered to mid
supply by a control loop whose corner frequency is
determined by CHP.
RMS Detection
The AD8367 contains a square-law detector that senses the output
signal and compares it to a calibrated set-point of 354 mV rms
which corresponds to a 1 V p-p sine wave. Any difference between
the output and set-point generates a current which is integrated by
an external capacitor, CAGC, connected from the DETO pin to
ground, to provide an AGC control voltage. There is also an
internal 5 pF capacitor on the DETO pin.
The resulting voltage is used as an AGC bias. For this appli-
cation, the MODE pin is pulled low and the DETO pin is
tied to the GAIN pin. The output signal level is then regu-
lated to 354 mV rms. The AGC bias represents a calibrated
rms measure of the received signal strength (RSSI). Since in
the AGC mode the output signal is forced to the 354 mV rms
set-point (–9.02 dBV rms), Equation 2 can be recast to
express the strength of the received signal, VIN-RMS, in terms
of the AGC bias VDETO,
VV
IN RMS
DETO
=−
+
×
(dBV rms)
54 02
50
.
(4)
where –54.02 dBV rms
–45 dB
9.02 dBV rms.
For small changes in input signal level, VDETO responds with a
characteristic single-pole time constant,
τAGC, which is propor-
tional to CAGC,
τµ
AGC
AGC
C
( s)
(nF)
10
(5)
where the internal 5 pF capacitor has been lumped with the
external capacitor to give CAGC.


유사한 부품 번호 - AD8367-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8367-EVAL AD-AD8367-EVAL Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
More results

유사한 설명 - AD8367-EVAL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
AD8368 AD-AD8368 Datasheet
471Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
   35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
   500 MHz BW Envelope Detector
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com