전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD-L1420R-B 데이터시트(PDF) 1 Page - PowerDynamics, Inc

부품명 PD-L1420R-B
상세설명  NEMA L14-20R LOCKING RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWERDYNAMICS [PowerDynamics, Inc]
홈페이지  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-L1420R-B 데이터시트(HTML) 1 Page - PowerDynamics, Inc

  PD-L1420R-B Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.13
1 of 1
SHEET
NEMA L14-20R LOCKING RECEPTACLE
-
PD-L1420R-B
PB
12/13/10
MATERIAL:
Housing: PBT, color black
Bracket: Brass
Contacts: Brass
ELECTRICAL SPECIFICATIONS:
Rated current: 20A
Rated voltage: 125 / 250VAC
APPROVALS:
C R
US
LISTED
42.5±0.5
83.5±0.5
91.5±1.0
Ø39.5±0.5
24.1±1.0
28.7±1.0
66.3±1.0


유사한 부품 번호 - PD-L1420R-B

제조업체부품명데이터시트상세설명
logo
PowerDynamics, Inc
PD-L1420C-B POWERDYNAMICS-PD-L1420C-B Datasheet
122Kb / 1P
   NEMA L14-20R CORD CONNECTOR 20A 125/250VAC; ASSEMBLY TYPE
PD-L1420P-B POWERDYNAMICS-PD-L1420P-B Datasheet
107Kb / 1P
   ELECTRICAL SPECIFICATIONS
More results

유사한 설명 - PD-L1420R-B

제조업체부품명데이터시트상세설명
logo
PowerDynamics, Inc
PD-L620R-B POWERDYNAMICS-PD-L620R-B Datasheet
59Kb / 1P
   NEMA L6-20R LOCKING RECEPTACLE
PD-L1430R-B POWERDYNAMICS-PD-L1430R-B Datasheet
58Kb / 1P
   NEMA L14-30R LOCKING RECEPTACLE
PD-L520R-B POWERDYNAMICS-PD-L520R-B Datasheet
58Kb / 1P
   NEMA L5-20R LOCKING RECEPTACLE
PD-L1520R-B POWERDYNAMICS-PD-L1520R-B Datasheet
65Kb / 1P
   NEMA L15-20R LOCKING RECEPTACLE
PD-L1420C-B POWERDYNAMICS-PD-L1420C-B Datasheet
122Kb / 1P
   NEMA L14-20R CORD CONNECTOR 20A 125/250VAC; ASSEMBLY TYPE
logo
Molex Electronics Ltd.
1301490071 MOLEX11-1301490071 Datasheet
40Kb / 1P
   Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V
130149-0071 MOLEX11-130149-0071 Datasheet
48Kb / 1P
   Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V
130149-0042 MOLEX11-130149-0042 Datasheet
41Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V
1301490042 MOLEX11-1301490042 Datasheet
33Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V
1301490059 MOLEX11-1301490059 Datasheet
33Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L14-30, 250V
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com