전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD8453LZ_F085 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDD8453LZ_F085
상세설명  N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8453LZ_F085 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDD8453LZ_F085_12 Datasheet HTML 1Page - Fairchild Semiconductor FDD8453LZ_F085_12 Datasheet HTML 2Page - Fairchild Semiconductor FDD8453LZ_F085_12 Datasheet HTML 3Page - Fairchild Semiconductor FDD8453LZ_F085_12 Datasheet HTML 4Page - Fairchild Semiconductor FDD8453LZ_F085_12 Datasheet HTML 5Page - Fairchild Semiconductor FDD8453LZ_F085_12 Datasheet HTML 6Page - Fairchild Semiconductor FDD8453LZ_F085_12 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDD8453LZ_F085 Rev. C1
www.fairchildsemi.com
4
Typical Characteristics
Figure 1. Normalized Power Dissipation vs Case
Temperature
0
25
50
75
100
125
150
175
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE(oC)
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
25
50
75
100
125
150
175
0
30
60
90
120
CURRENT LIMITED
BY PACKAGE
VGS = 10V
TC, CASE TEMPERATURE(oC)
Figure 3.
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
0.01
0.1
1
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION(s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TC
PDM
t1
t2
Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
100
1000
1E4
V
GS = 10V
SINGLE PULSE
t, RECTANGULAR PULSE DURATION(s)
TC = 25oC
I = I2
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:


유사한 부품 번호 - FDD8453LZ_F085_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FDD8453LZ-F085 ONSEMI-FDD8453LZ-F085 Datasheet
510Kb / 8P
   N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
August-2017,Rev. 3
logo
Fairchild Semiconductor
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET
More results

유사한 설명 - FDD8453LZ_F085_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FDD8453LZ-F085 ONSEMI-FDD8453LZ-F085 Datasheet
510Kb / 8P
   N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
August-2017,Rev. 3
logo
Fairchild Semiconductor
FDD5353 FAIRCHILD-FDD5353 Datasheet
285Kb / 6P
   N-Channel Power Trench짰 MOSFET 60V, 50A, 12.3m廓
FDMC8462 FAIRCHILD-FDMC8462 Datasheet
289Kb / 7P
   N-Channel Power Trench짰 MOSFET 40V, 20A, 5.8m廓
FDMS8460 FAIRCHILD-FDMS8460 Datasheet
323Kb / 7P
   N-Channel Power Trench짰 MOSFET 40V, 49A, 2.2m廓
FDB9403-F085 FAIRCHILD-FDB9403-F085 Datasheet
484Kb / 6P
   N-Channel Power Trench짰 MOSFET 40V, 110A, 1.2m廓
FDB9403 FAIRCHILD-FDB9403 Datasheet
490Kb / 6P
   N-Channel Power Trench짰 MOSFET 40V, 110A, 1.2m廓
FDB9406_F085 FAIRCHILD-FDB9406_F085 Datasheet
400Kb / 6P
   N-Channel Power Trench짰 MOSFET 40V, 110A, 1.8m廓
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com