전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8611AR 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8611AR
상세설명  Ultrafast 4 ns Single Supply Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8611AR 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8611AR Datasheet HTML 4Page - Analog Devices AD8611AR Datasheet HTML 5Page - Analog Devices AD8611AR Datasheet HTML 6Page - Analog Devices AD8611AR Datasheet HTML 7Page - Analog Devices AD8611AR Datasheet HTML 8Page - Analog Devices AD8611AR Datasheet HTML 9Page - Analog Devices AD8611AR Datasheet HTML 10Page - Analog Devices AD8611AR Datasheet HTML 11Page - Analog Devices AD8611AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8611/AD8612
–10–
REV. 0
SPICE Model
* AD8611 SPICE Macro-Model Typical Values
* 1/2000, Ver. 1.0
* TAM / ADSC
*
* Node assignments
*
non-inverting input
*
|
inverting input
*
|
|
positive supply
*
|
|
|
negative supply
*
||||
Latch
*
|||||
DGND
*
||||||Q
*
|||||||
QNOT
*
||||||||
.SUBCKT AD8611
1
2
99
50
80
51
45
65
*
* INPUT STAGE
*
*
Q1
4
3 5 PIX
Q2
6
2 5 PIX
IBIAS 99
5 800E-6
RC1
4 50 1E3
RC2
6 50 1E3
CL1
4
6 3E-13
CIN
1
2 3E-12
VCM1
99
7 DC 1.9
D1
5
7 DX
EOS
3
1 POLY(1) (31,98) 1E-3 1
*
* Reference Voltages
*
EREF
98 0 POLY(2) (99,0) (50,0) 0 0.5 0.5
RREF
98 0 100E3
*
* CMRR=66dB, ZERO AT 1kHz
*
ECM1 30 98 POLY(2) (1,98) (2,98) 0 0.5 0.5
RCM1 30 31 10E3
RCM2 31 98 5
CCM1 30 31 15.9E-9
*
* Latch Section
*


유사한 부품 번호 - AD8611AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8611AR AD-AD8611AR Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
AD8611AR AD-AD8611AR Datasheet
316Kb / 20P
   Single-Supply Comparators
AD8611AR-REEL AD-AD8611AR-REEL Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
AD8611AR-REEL7 AD-AD8611AR-REEL7 Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
AD8611ARM-R2 AD-AD8611ARM-R2 Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
More results

유사한 설명 - AD8611AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8611 AD-AD8611_06 Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
AD8561AR-REEL AD-AD8561AR-REEL Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
Rev. B
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561 AD-AD8561 Datasheet
105Kb / 11P
   Ultrafast 7 ns Single Supply Comparator
REV. 0
ADCMP573 AD-ADCMP573 Datasheet
412Kb / 16P
   Ultrafast 3.3 V Single-Supply Comparators
Rev. PrB
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com