전자부품 데이터시트 검색엔진 |
|
AD9020KE 데이터시트(PDF) 10 Page - Analog Devices |
|
AD9020KE 데이터시트(HTML) 10 Page - Analog Devices |
10 / 12 page AD9020 –10– REV. A DATA FOR N DATA FOR N + 1 DATA OUTPUT N N + 1 N N + 1 ANALOG INPUT ENCODE – Aperture Delay – Output Delay t OD t a t OD t a AD9020 Timing Diagram Timing In the AD9020, the rising edge of the ENCODE signal triggers the A/D conversion by latching the comparators. (See the AD9020 Timing Diagram.) The ENCODE is TTL/CMOS compatible and should be driven from a low jitter (phase noise) source. Jitter on the ENCODE signal will raise the noise floor of the converter. Fast, clean edges will reduce the jitter in the signal and allow optimum ac performance. Locking the system clock to a crystal oscillator also helps reduce jitter. The AD9020 is designed to operate with a 50% duty cycle; small (10%) variations in duty cycle should not degrade performance. Data Format The format of the output data (D0–D9) is controlled by the MSB INVERT and LSBs INVERT pins. These inputs are dc control inputs, and should be connected to GROUND or +VS. The AD9020 Truth Table gives information to choose from among Binary, Inverted Binary, Twos Complement and In- verted Twos Complement coding. The OVERFLOW output is an indication that the analog input signal has exceeded the voltage at +VSENSE. The accuracy of the overflow transition voltage and output delay are not tested or in- cluded in the data sheet limits. Performance of the overflow in- dicator is dependent on circuit layout and slew rate of the encode signal. The operation of this function does not affect the other data bits (D0–D9). It is not recommended for applications requiring a critical measure of the analog input voltage. Layout and Power Supplies Proper layout of high speed circuits is always critical but is par- ticularly important when both analog and digital signals are involved. Analog signal paths should be kept as short as possible and be properly terminated to avoid reflections. The analog input volt- age and the voltage references should be kept away from digital signal paths; this reduces the amount of digital switching noise that is capacitively coupled into the analog section of the circuit. Digital signal paths should also be kept short, and run lengths should be matched to avoid propagation delay mismatch. In high speed circuits, layout of the ground circuit is a critical factor. A single, low impedance ground plane, on the compo- nent side of the board, will reduce noise on the circuit ground. Power supplies should be capacitively coupled to the ground plane to reduce noise in the circuit. Multilayer boards allow designers to lay out signal traces without interrupting the ground plane and provide low impedance power planes. It is especially important to maintain the continuity of the ground plane under and around the AD9020. In systems with dedicated digital and analog grounds, all grounds of the AD9020 should be connected to the analog ground plane. The power supplies (+VS and –VS) of the AD9020 should be iso- lated from the supplies used for external devices; this further re- duces the amount of noise coupled into the A/D converter. Sockets limit the dynamic performance and should be used only for prototypes or evaluation—PCK Elastomerics Part # CCS-68- 55 is recommended for the LCC package. (Tel. 215-672-0787) An evaluation board is available to aid designers and provide a suggested layout. |
유사한 부품 번호 - AD9020KE |
|
유사한 설명 - AD9020KE |